công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC270A330M024FP bảng dữ liệu(PDF) 2 Page - Vicor Corporation

tên linh kiện MC270A330M024FP
Giải thích chi tiết về linh kiện  MIL-COTS BCM??Bus Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MC270A330M024FP bảng dữ liệu(HTML) 2 Page - Vicor Corporation

  MC270A330M024FP Datasheet HTML 1Page - Vicor Corporation MC270A330M024FP Datasheet HTML 2Page - Vicor Corporation MC270A330M024FP Datasheet HTML 3Page - Vicor Corporation MC270A330M024FP Datasheet HTML 4Page - Vicor Corporation MC270A330M024FP Datasheet HTML 5Page - Vicor Corporation MC270A330M024FP Datasheet HTML 6Page - Vicor Corporation MC270A330M024FP Datasheet HTML 7Page - Vicor Corporation MC270A330M024FP Datasheet HTML 8Page - Vicor Corporation MC270A330M024FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PRELIMINARY DATASHEET
Bus Converter Module
MC270A330M024FP
vicorpower.com
Rev. 1.0
Page 2 of 17
CONTROL PIN SPECIFICATIONS
See page 13 for further application details and guidelines.
PC – VI BRICK BCM Primary Control
The PC pin can enable and disable the BCM. When held below VPC_DIS the
BCM shall be disabled. When allowed to float with an impedance to –IN of
greater than 50 k
Ω the module will start. When connected to another BCM
PC pin, the BCMs will start simultaneously when enabled. The PC pin is
capable of being driven high by either an external logic signal or internal
pull up to 5 V (operating).
TM – VI BRICK BCM Temperature Monitor
The TM pin monitors the internal temperature of the BCM within an
accuracy of +5/-5°C. It has a room temperature setpoint of ~3.0 V and an
approximate gain of 10 mV/°C. It can source up to 100 µA and may also be
used as a “Power Good” flag to verify that the BCM is operating.
Note: If TM is not used to validate the thermal management
system, a 100°C case (baseplate) maximum applies.
SPECIFICATIONS
Absolute Maximum Ratings
Min
Max
Unit
+In to –In
-1.0
+400
Vdc
PC to –In
-0.3
+20
Vdc
TM to –In
-0.3
+7
Vdc
+In /-In to +Out /-Out (hipot)
4242
V
+In /-In to +Out /-Out (working)
500
V
+Out to –Out
-1.0
+60
Vdc


Số phần tương tự - MC270A330M024FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
MC2707 MACOM-MC2707 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
logo
Tyco Electronics
MC2707-2 MACOM-MC2707-2 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results

Mô tả tương tự - MC270A330M024FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com