công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F103T6U7ATR bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM32F103T6U7ATR
Giải thích chi tiết về linh kiện  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103T6U7ATR bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM32F103T6U7ATR Datasheet HTML 5Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 6Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 7Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 8Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 9Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 10Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 11Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 12Page - STMicroelectronics STM32F103T6U7ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
STM32F103x4, STM32F103x6
Description
Doc ID 15060 Rev 3
9/80
2.1
Device overview
Table 2.
STM32F103xx low-density device features and peripheral counts
Peripheral
STM32F103Tx
STM32F103Cx
STM32F103Rx
Flash - Kbytes
16
32
16
32
16
32
SRAM - Kbytes
610
6
106
10
General-purpose
222222
Advanced-control
111
SPI
111111
I2C
111111
USART
222222
USB
111111
CAN
1
1
1
1
1
1
GPIOs
26
37
51
12-bit synchronized ADC
Number of channels
2
10 channels
2
10 channels
2
16 channels
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C (see Table 9)
Junction temperature: –40 to + 125 °C (see Table 9)
Packages
VFQFPN36
LQFP48
LQFP64, TFBGA64


Số phần tương tự - STM32F103T6U7ATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F103T6 STMICROELECTRONICS-STM32F103T6 Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
STM32F103T6 STMICROELECTRONICS-STM32F103T6 Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
May 2013 Rev 6
STM32F103T6 STMICROELECTRONICS-STM32F103T6 Datasheet
140Kb / 6P
   Leading-edge architecture with Cortex-M3 core
2007
More results

Mô tả tương tự - STM32F103T6U7ATR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
May 2013 Rev 6
STM32F103X4 STMICROELECTRONICS-STM32F103X4_10 Datasheet
1Mb / 85P
   Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
STM32F103X8 STMICROELECTRONICS-STM32F103X8_09 Datasheet
1Mb / 92P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
STM32F103X8 STMICROELECTRONICS-STM32F103X8_10 Datasheet
1Mb / 96P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
STM32F103RBT7 STMICROELECTRONICS-STM32F103RBT7 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103C8T7 STMICROELECTRONICS-STM32F103C8T7 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103T8U7 STMICROELECTRONICS-STM32F103T8U7 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
STM32F103CBU6 STMICROELECTRONICS-STM32F103CBU6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013 Rev 16
STM32F103RBT6 STMICROELECTRONICS-STM32F103RBT6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013 Rev 16
STM32F103TBU6 STMICROELECTRONICS-STM32F103TBU6 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com