công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101G3T6ATR bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
STM8L101G3T6ATR bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
7 / 77 page STM8L101xx Introduction Doc ID 15275 Rev 7 7/77 1 Introduction This datasheet provides the STM8L101xx pinout, ordering information, mechanical and electrical device characteristics. For complete information on the STM8L101xx microcontroller memory, registers and peripherals, please refer to the STM8L reference manual. 2 Description The STM8L101xx devices are members of the STM8L low power 8-bit family. All devices of the SM8L product line provide the following benefits: ● Reduced system cost – Up to 8 Kbytes of embedded Flash program memory including up to 2 Kbytes of data EEPROM – High system integration level with internal clock oscillators and watchdogs. – Smaller battery and cheaper power supplies. ● Low power consumption and advanced features – Up to 16 MIPS at 16 MHz CPU clock frequency – less than 150 µA/MH, 0.8 µA in Active-halt mode, and 0.3 µA in Halt mode – Clock gated system and optimized power management ● Short development cycles – Application scalability across a common family product architecture with compatible pinout, memory map and modular peripherals. – Full documentation and a wide choice of development tools ● Product longevity – Advanced core and peripherals made in a state-of-the art technology – Product family operating from 1.65 V to 3.6 V supply The STM8L101xx low power family features the enhanced STM8 CPU core providing increased processing power (up to 16 MIPS at 16 MHz) while maintaining the advantages of a CISC architecture with improved code density, a 24-bit linear addressing space and an optimized architecture for low power operations. The family includes an integrated debug module with a hardware interface (SWIM) which allows non-intrusive In-Application debugging and ultrafast Flash programming. All STM8L101xx microcontrollers feature low power low-voltage single-supply program Flash memory. The 8-Kbyte devices embed data EEPROM. The STM8L101xx low power family is based on a generic set of state-of-the-art peripherals. The modular design of the peripheral set allows the same peripherals to be found in different ST microcontroller families including 32-bit families. This makes any transition to a different family very easy, and simplified even more by the use of a common set of development tools. |
Số phần tương tự - STM8L101G3T6ATR |
|
Mô tả tương tự - STM8L101G3T6ATR |