công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC048A240T030FP bảng dữ liệu(PDF) 7 Page - Vicor Corporation

tên linh kiện BC048A240T030FP
Giải thích chi tiết về linh kiện  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A240T030FP bảng dữ liệu(HTML) 7 Page - Vicor Corporation

Back Button BC048A240T030FP Datasheet HTML 3Page - Vicor Corporation BC048A240T030FP Datasheet HTML 4Page - Vicor Corporation BC048A240T030FP Datasheet HTML 5Page - Vicor Corporation BC048A240T030FP Datasheet HTML 6Page - Vicor Corporation BC048A240T030FP Datasheet HTML 7Page - Vicor Corporation BC048A240T030FP Datasheet HTML 8Page - Vicor Corporation BC048A240T030FP Datasheet HTML 9Page - Vicor Corporation BC048A240T030FP Datasheet HTML 10Page - Vicor Corporation BC048A240T030FP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Bus Converter Module
BC048A240T030FP
vicorpower.com
Rev. 1.0
Page 7 of 11
+In / -In – DC Voltage Input Ports
The VI BRICK (BCM) input voltage range should not be exceeded. An
internal under / over voltage lockout function prevents operation outside
of the normal operating input range. The BCM turns on within an input
voltage window bounded by the “Input undervoltage turn-on” and “Input
overvoltage turn-off” levels, as specified. The BCM may be protected
against accidental application of a reverse input voltage by the addition of
a rectifier in series with the positive input, or a reverse rectifier in shunt
with the positive input located on the load side of the input fuse.
The connection of the BCM to its power source should be implemented
with minimal distribution inductance. If the interconnect inductance
exceeds 100 nH, the input should be bypassed with a RC damper to retain
low source impedance and stable operation. With an interconnect
inductance of 200 nH, the RC damper may be 47 µF in series with 0.3 Ω.
A single electrolytic or equivalent low-Q capacitor may be used in place of
the series RC bypass.
PC – Primary Control
The Primary Control port is a multifunction node that provides the
following functions:
Enable / Disable – If the PC port is left floating, the BCM output is enabled.
Once this port is pulled lower than 2.4 Vdc with respect to –In, the output
is disabled. This action can be realized by employing a relay, opto-coupler,
or open collector transistor. Refer to Figures 1-3, 12 and 13 for the typical
enable / disable characteristics. This port should not be toggled at a rate
higher than 1 Hz. The PC port should also not be driven by or pulled up to
an external voltage source.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA at 5.0 Vdc.
The PC port should never be used to sink current.
Alarm – The BCM contains circuitry that monitors output overload, input
overvoltage or undervoltage, and internal junction temperatures. In response
to an abnormal condition in any of the monitored parameters, the PC port
will toggle. Refer to Figure 13 for PC alarm characteristics.
TM and RSV – Reserved for factory use.
+Out / -Out – DC Voltage Output Ports
Two sets of contacts are provided for the +Out port. They must be
connected in parallel with low interconnect resistance. Similarly, two sets
of contacts are provided for the –Out port. They must be connected in
parallel with low interconnect resistance. Within the specified operating
range, the average output voltage is defined by the Level 1 DC behavioral
model of Figure 16. The current source capability of the BCM is rated in
the specifications section of this document.
The low output impedance of the BCM reduces or eliminates the need for
limited life aluminum electrolytic or tantalum capacitors at the input of POL
converters.
Total load capacitance at the output of the BCM should not exceed the
specified maximum. Owing to the wide bandwidth and low output
impedance of the BCM, low frequency bypass capacitance and significant
energy storage may be more densely and efficiently provided by adding
capacitance at the input of the BCM.
PIN / CONTROL FUNCTIONS
Figure 14 — VI BRICK BCM pin configuration (viewed from pin side)


Số phần tương tự - BC048A240T030FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
BC048A240T030FP VICOR-BC048A240T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Mô tả tương tự - BC048A240T030FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com