công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC40-24D15 bảng dữ liệu(PDF) 1 Page - Volgen Kaga Electronics Inc.

tên linh kiện FDC40-24D15
Giải thích chi tiết về linh kiện  SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VOLGEN [Volgen Kaga Electronics Inc.]
Trang chủ  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FDC40-24D15 bảng dữ liệu(HTML) 1 Page - Volgen Kaga Electronics Inc.

  FDC40-24D15 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FDC40-24D15 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2:1 INPUT RANGE
INCLUDE 3.3/5.0 VDC, TRIPLE OUTPUT
PI INPUT FILTER
SIX-SIDED SHIELD
2 YEAR WARRANTY
EFFICIENT UP TO 88%
LOW PROFILE CASE 0.375 INCH
OVER VOLTAGE PROTECTION
OVER CURRENT PROTECTION
INHIBIT/SYNC INPUT
ON/OFF CONTROL
SINGLE, DUAL
SINGLE, DUAL AND TRIPLE OUTPUT
AND TRIPLE OUTPUT, HIGH DENSITY
, HIGH DENSITY
40 W
40 WA
ATTS DC/DC CONVER
TTS DC/DC CONVERTERS
TERS
Control Voltage Referenced to Negative (-) Input
Compatibility......................................CMOS, TTL
On-Control..........................................4.8V min. or Open
Off-Control..........................................0.4V max. or Short
R
R E
E M
M O
O T
T E
E O
O N
N // O
O F
F F
F C
C O
O N
N T
T R
R O
O L
L
R
R E
E M
M O
O T
T E
E O
O N
N // O
O F
F F
F C
C O
O N
N T
T R
R O
O L
L
Switching Frequency...........................185kHz, typ.
Isolation Voltage.................................1600VDC, min
Isolation Resistance...........................10 Ohms, min
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Case Material.....................................Nickel-Coated Copper with
Non-Conductive Base
Dimensions.........................................2.6x3.0x0.375 Inches
(66x76.2x9.5 mm)
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature Range............-25˚C to +85˚C (CASE)
Storage Temperature Range................-55˚C to +125˚C
Cooling.................................................Free-air Convection
EMI/RFI................................................Six-sided Continuous Shield
MTBF....................................................2.294x10
5Hours
(MIL-HDBK-217F TA=25˚C Full Load)
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
All specifications are typical at nominal input, full load,
and 25˚C unless otherwise noted.
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage Range .........................See model Selection Guide
Input Filter..........................................PI Network
Overvoltage Shutdown.......................20, 38 or 78VDC
Undervoltage Shutdown.....................8, 17 or 34 VDC
Reflected Ripple Current....................75mA, Pk -Pk
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Voltage Accuracy
Single, Dual Output Models...............±2%, Max.
Triple Output Models; Primary............±2%, Max. (Adj. to
Zero)
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Voltage Balance
Dual Output Models...........................±2%, Max.
Triple Output Models..........................±10%, TYP
Ripple & Noise, 20 MHz BW..............1% Pk-Pk of Vout
Line Regulation
Single Output Models........................±0.5%, Max.
Dual Output Models...........................±1.0%, Max.
Triple Output Models; Primary............±2.0%, Max.
Auxiliaries............±5.0%, Max.
Load Regulation
Single Output Models........................±0.5%, Max.
Dual Output Models...........................±1.0%, Max.
Triple Output Models; Primary............±2.0%, Max.
Auxiliaries............±5.0%, Max.
Minimum Output Current % Iout rated (Main Output)
xxD3305 Models.................................20%
Dual and Triple Output Models...............10%
Temperature Coefficient......................±0.02%/˚C
Temp. Coefficient Balance...................±1%/˚C
Output Short Circuit Duration..............Continuous
Overvoltage Protection Threshold:
3.3V Output.........................................3.9V
5V Output............................................6.2V
12V Output..........................................15V
15V Output..........................................18V
20
FEATURES
FDC40
FDC40
9


Số phần tương tự - FDC40-24D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FDC40-24D15 ETC1-FDC40-24D15 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC40-24D15 ASTRODYNE-FDC40-24D15 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Mô tả tương tự - FDC40-24D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Volgen Kaga Electronics...
FEC15-12S33 VOLGEN-FEC15-12S33 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
FDC20-24S05W VOLGEN-FDC20-24S05W Datasheet
282Kb / 2P
   SIINGLE AND DUAL OUTPUT,, 4::1 WIIDE IINPUT RANGE 20 WATTS DC//DC CONVERTERS
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
logo
Wall Industries,Inc.
DCMRD5 WALL-DCMRD5_16 Datasheet
891Kb / 7P
   5 Watts Isolated DC/DC Converters Single and Dual Output
DCMRD5 WALL-DCMRD5 Datasheet
894Kb / 7P
   5 Watts Isolated DC - DC Converters Single and Dual Output
logo
Volgen Kaga Electronics...
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
ETA-USA
OCH40D ETA-USA-OCH40D Datasheet
526Kb / 6P
   DC/DC SWITCHING POWER SUPPLY DUAL CHANNEL OUTPUT 40 WATTS
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
TDK Electronics
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com