công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC2181 bảng dữ liệu(PDF) 1 Page - Transcom, Inc.

tên linh kiện TC2181
Giải thích chi tiết về linh kiện  Low Noise and High Dynamic Range Packaged GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRANSCOM [Transcom, Inc.]
Trang chủ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2181 bảng dữ liệu(HTML) 1 Page - Transcom, Inc.

  TC2181 Datasheet HTML 1Page - Transcom, Inc. TC2181 Datasheet HTML 2Page - Transcom, Inc. TC2181 Datasheet HTML 3Page - Transcom, Inc. TC2181 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC2181
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
Low Noise and High Dynamic Range Packaged GaAs FETs
FEATURES
PHOTO ENLARGEMENT
! 0.5 dB Typical Noise Figure at 12 GHz
! High Associated Gain: Ga = 12 dB Typical at 12 GHz
! 18.5 dBm Typical Power at 12 GHz
! 13 dB Typical Linear Power Gain at 12 GHz
! Breakdown Voltage : BVDGO
≥ 9V
! Lg = 0.25
µm, Wg = 160 µm
! Tight Vp ranges control
! High RF input power handling capability
! 100 % DC Tested
! Micro-X Metal Ceramic Package
DESCRIPTION
The TC2181 is a high performance field effect transistor housed in a ceramic micro-x package with TC1101
PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device
suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 2 V, IDS = 10 mA, f = 12GHz
0.5
0.7
dB
Ga
Associated Gain at VDS = 2 V, IDS = 10 mA, f = 12GHz
10
12
dB
P1dB
Output Power at 1dB Gain Compression Point, f = 12 GHz VDS = 6 V, IDS = 25 mA
17.5
18.5
dBm
GL
Linear Power Gain, f = 12GHz VDS = 6 V, IDS = 25 mA
11
13
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
48
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
55
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 0.32mA
-1.0*
Volts
BVDGO Drain-Gate Breakdown Voltage at IDGO = 0.08mA
9
12
Volts
Rth
Thermal Resistance
250
°C/W
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C) TYPICAL NOISE PARAMETERS (T
A=25
°°°°C)
VDS = 2 V, IDS = 10 mA
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
160
µA
Pin
RF Input Power, CW
18 dBm
PT
Continuous Dissipation
150 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.33
18.4
1.00
15
0.42
4
0.35
16.8
0.86
32
0.36
6
0.37
15.2
0.70
53
0.28
8
0.40
13.8
0.53
79
0.20
10
0.46
12.5
0.39
112
0.12
12
0.52
11.5
0.29
153
0.09
14
0.61
11.0
0.26
202
0.08
16
0.77
10.9
0.32
262
0.11
18
0.95
10.6
0.51
332
0.24
* For the tight control of the pinch-off voltage range, we divide TC2181 into 3 model numbers to fit customer design requirement
(1)TC2181P0710 : Vp = -0.7V to -1.0V (2)TC2181P0811 : Vp = -0.8V to -1.1V (3)TC2181P0912 : Vp = -0.9V to -1.2V
If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for details.


Số phần tương tự - TC2181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
More results

Mô tả tương tự - TC2181

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com