công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM59364 bảng dữ liệu(PDF) 1 Page - SyncMOS Technologies,Inc

tên linh kiện SM59364
Giải thích chi tiết về linh kiện  8-Bits Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59364 bảng dữ liệu(HTML) 1 Page - SyncMOS Technologies,Inc

  SM59364 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SyncMOS Technologies International, Inc.
SM59364
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
IDMMX-0033
Ver B SM59364 04/2008
1
Product List
SM59364C25, 25MHz 64KB internal flash MCU
SM59364C40, 40MHz 64KB internal flash MCU
Description
The SM59364 series product is an 8 - bit single chip
micro controller with 64KB flash & 1K byte RAM
embedded. It has In-System Programming (ISP)
function and is a derivative of the 8052 micro controller
family. With its hardware features and powerful
instruction set, it’s
straight forward to make it a
versatile and cost effective controller for those
applications which demand up to 24 I/O pins for PLCC
package, or applications which need up to 64K byte
flash memory either for program or for data or mixed.
The on-chip flash memory can be programmed in either
parallel or serial interface with its ISP feature.
Ordering Information
yymmv
SM59364ihhkL
yy: year, mm: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,"P"is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
H
32L PLCC
Page 2
Page 19
Features
Working Voltage:4.5V through 5.5V
General 8052 family compatible
12 clocks per machine cycle
64K byte on chip program flash with
in-System Programming(ISP) capability
1024 bytes on chip data RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Three 8-bit I/O ports for PLCC package
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and Power
down mode
Code protection function
Low EMI (inhibit ALE)
Reset with address $0000 blank initiate ISP
service program
Taiwan
6F, No.10-2 Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


Số phần tương tự - SM59364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DACO SEMICONDUCTOR CO.,...
SM5936 DACO-SM5936 Datasheet
962Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
More results

Mô tả tương tự - SM59364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com