công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA82 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CA82
Giải thích chi tiết về linh kiện  Cascadable Amplifier 20 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA82 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA82 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA82 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
20 to 250 MHz
Rev. V3
A82 / SMA82
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-300
20-250
20-250
Small Signal Gain (min)
dB
25.0
24.0
23.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
29
Noise Figure (max)
dB
2.8
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
20.0
19.0
18.0
IP3
dBm
+31
IP2
dBm
+36
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.7:1 / 1.7:1
1.9:1 / 1.9:1
DC Current @ 15 Volts (max)
mA
50
52
54
Features
• HIGH REVERSE ISOLATION: >28.5 dB (TYP.)
• HIGH LEVEL OUTPUT: +20 dBm (TYP.)
• LOW NOISE: 2.8 dB (TYP.)
• HIGH GAIN: 24.5 dB (TYP.)
Description
The A82 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays
impressive performance over a broadband frequency range.
An isolation transformer is used in the feedback loop, with the
benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A82
TO-8
SMA82
Surface Mount
CA82**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
144ºC/W
Transistor Power Dissipation Pd
0.273 W
Junction Temperature Rise
Above Case Tjc
39ºC
* Over temperature performance limits for part number CA82, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Số phần tương tự - CA82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA82 MACOM-CA82 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
CA82 MA-COM-CA82 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Bel Fuse Inc.
CA82-010M-01 BEL-CA82-010M-01 Datasheet
1Mb / 2P
   Category 8.2 Series Cable Jacks and Patch Cords
CA82-020M-01 BEL-CA82-020M-01 Datasheet
1Mb / 2P
   Category 8.2 Series Cable Jacks and Patch Cords
logo
Tyco Electronics
CA82-1 MACOM-CA82-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Mô tả tương tự - CA82

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com