công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBH0370NY bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FSBH0370NY
Giải thích chi tiết về linh kiện  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0370NY bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FSBH0370NY Datasheet HTML 1Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 2Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 3Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 4Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 5Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 6Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 7Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 8Page - Fairchild Semiconductor FSBH0370NY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRAIN
Drain Pin Voltage
(5,6)
FSBH0x70/A
700
V
FSBH0F70A
1.5
FSBH0170/A
4.0
FSBH0270/A
8.0
IDM
Drain Current Pulsed
(7)
FSBH0370
12.0
A
FSBH0F70A
10
FSBH0170/A
50
FSBH0270/A
140
EAS
Single Pulsed Avalanche Energy
(8)
FSBH0370
230
mJ
VDD
DC Supply Voltage
30
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
VIN
VIN Pin Input Voltage
-0.3
7.0
V
VHV
HV Pin Input Voltage
700
V
PD
Power Dissipation (TA<50°C)
1.5
W
θJA
Junction-to-Air Thermal Resistance
80
°C/W
θJC
Junction-to-Case Thermal Resistance
20
°C/W
TJ
Operating Junction Temperature
Internally limited
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
Human Body Model:
JESD22-A114
3
ESD
Electrostatic Discharge Capability,
All pins except HV pin
Charged Device Model:
JESD22-C101
1
kV
Notes
:
5.
All voltage values, except differential voltages, are given with respect to the network ground terminal.
6.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
7.
Non-repetitive rating: pulse width is limited by maximum junction temperature.
8.
L = 51mH, starting TJ = 25°C.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Số phần tương tự - FSBH0370NY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBH0370NY FAIRCHILD-FSBH0370NY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370NY_F116 FAIRCHILD-FSBH0370NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Mô tả tương tự - FSBH0370NY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com