công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSBH0270NY bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor

tên linh kiện FSBH0270NY
Giải thích chi tiết về linh kiện  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0270NY bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor

Back Button FSBH0270NY Datasheet HTML 3Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 4Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 5Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 6Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 7Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 8Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 9Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 10Page - Fairchild Semiconductor FSBH0270NY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
7
Electrical Characteristics (Continued)
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Control Section
VDD Section
VDD-ON
Start Threshold Voltage
11
12
13
V
VDD-OFF
Minimum Operating Voltage
7
8
9
V
FSBH0170
FSBH0270
FSBH0370
VDD-ON – 0.16V
30
IDD-ST
Startup Current
FSBH0F70A
FSBH0170A
FSBH0270A
VDD-ON – 0.16V
240
320
400
µA
IDD-OP
Operating Supply Current
VDD=15V, VFB=3V
3.0
3.5
4.0
mA
IDD-ZDC
Operating Current for VFB<VFB-ZDC
VDD=12V, VFB=1.6V
1.5
2.5
3.5
mA
IDD-OLP
Internal Sink Current
VTH-OLP+0.1V
30
70
90
µA
VTH-OLP
IDD-OLP Off Voltage
5
6
7
V
VDD-OVP
VDD Over-Voltage Protection
27
28
29
V
tD-VDD-OVP
VDD Over-Voltage Protection Debounce
Time
75
130
200
µs
HV Section
IHV
Maximum Current Drawn from HV Pin
HV 120VDC,
VDD=0V with 10µF
1.5
3.5
5.0
mA
IHV-LC
Leakage Current after Startup
HV=700V,
VDD=VDD-OFF+1V
1
20
µ
A
Oscillator Section
fOSC
Frequency in Nominal Mode
Center Frequency
94
100
106
kHz
fOSC-G
Green-Mode Frequency
14
18
22
kHz
DMAX
Maximum Duty Cycle
85
%
fDV
Frequency Variation vs. VDD Deviation
VDD=11V to 22V
5
%
fDT
Frequency Variation vs. Temperature
Deviation
(9)
TA= -25 to 85°C
5
%
VIN Section (FSBH0170, FSBH0270, FSBH0370)
VIN-ON
PWM Turn-On Threshold Voltage
1.08
1.13
1.18
V
VIN-OFF
PWM Turn-Off Threshold Voltage
VIN-ON
0.48
VIN-ON
0.54
VIN-ON
0.60
V
tIN-OFF
PWM Turn-Off Debounce Time
500
ms
VIN-H
Pull-HIGH Latch Trigger Level
4.4
4.7
5.0
V
tIN-H
Pull-HIGH Latch Debounce Time
100
µs
VIN-L
Pull-LOW Auto-Recovery Trigger Level
0.2
0.3
0.4
V
Feedback Input Section
AV
FB Voltage to Current-Sense
Attenuation
1/4.5
1/4.0
1/3.5
V/V
ZFB
Input Impedance
4
7
kΩ
Continued on the following page…


Số phần tương tự - FSBH0270NY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSBH0270NY FAIRCHILD-FSBH0270NY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0270NY_F116 FAIRCHILD-FSBH0270NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

Mô tả tương tự - FSBH0270NY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com