công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN210ACGFX bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FIN210ACGFX
Giải thích chi tiết về linh kiện  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACGFX bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN210ACGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN210ACGFX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
6
Clock Pass-Through Mode
Clock pass-through mode allows a harmonic rich clock source to be sent to the serializer in a CTL format to reduce the
overall harmonic content of the phone, and can reduce the need for EMI filters. The Master Clock Pass through mode
performs a translation to the clock in the CTL link, and does not serialize this signal. The following describes how to enable
this functionality for an image sensor (See Figure 6).
Deserializer Configuration (DIRI=0)
1.
Connect CKREF(BGA pin A6) to GROUND
2.
Connect master clock to STROBE (BGA pin B5)
Serializer Configuration (DIRI=1)
1.
CKSI passes master clock to CKP output (BGA pin C1)
CKREF and STROBE Signals
Please note that there is a setup and hold time between STROBE and data that must be met as seen on the electrical
characteristics section. The relationship between CKREF and STROBE can be synchronous or asynchronous depending on
what is available in the system. It is suggested that if the signals are synchronous and in normal operation that CKREF is tied
to STROBE as close to the chip as possible. If you are running an asynchronous or spread spectrum setup, please be aware
this may result on cycle jitter on the CKP signal. They cycle jitter does not effect the output data and clock relationship, the
display or end application should continue to work as normal.
PLL Note
Please note that the PLL ranges can overlap, power consumption can be reduced by selecting the operation in the lower end
of the higher speed PLL range.


Số phần tương tự - FIN210ACGFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Mô tả tương tự - FIN210ACGFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com