công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN210ACMLX bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện FIN210ACMLX
Giải thích chi tiết về linh kiện  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACMLX bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN210ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 14Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
11
DC Electrical Characteristics
Values are provided for over-supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
(3)
Max.
Unit
LVCMOS I/O
VIH
Input High Voltage
0.65xVDDP
VDDP
VIL
Input Low Voltage
GND
0.35xVDDP
V
IOH=-2.0mA, S1=0,S0=1
IOH=-0.4mA, S1=1,S0=0
VOH
Output High Voltage
IOH=-1.0mA, S1=1,S0=1
0.75xVDDP
VDDP
V
IOL=2.0mA, S1=0,S0=1
IOL=0.4mA, S1=1,S0=0
VOL
Output Low Voltage
IOL=1.0mA, S1=1,S0=1
0
0.25xVDDP
V
IIN
Input Current
VIN= 0V to 3.6V
-5.0
5.0
µA
DIFFERENTIAL I/O
CTL_ADJ=0
-4.1
IODH
Output HIGH Source Current
VOS=1.0V
CTL_ADJ=1
-5.3
mA
CTL_ADJ=0
2.1
IODL
Output LOW Sink Current
VOS=1.0V
CTL_ADJ=1
3.1
mA
VGO
Input Voltage Ground Offset
(4)
0
V
VID=50mV, VIC=925mV
RTRM
CKS Internal Receiver Termination Resistor
DIRI=0
80
100
120
VID=50mV, VIC=925mV
DS Internal Receiver Termination Resistor
DIRI=0
80
100
120
Notes:
3.
Typical values are given for VDD=2.775V and TA=25°C. Positive current values refer to the current flowing into the device
and negative values refer to the current flowing out of pins. Voltages are referenced to GROUND unless otherwise
specified (except ΔVOD and VOD).
4.
VGO is the difference in device ground levels between the CTL driver and the CTL receiver.
Power Supply Currents
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD_PD
VDD Power-Down Supply Current
S1=S0=0, All Inputs at GND or VDD
0.1
µA
20MHz
13
mA
S1=L
S0=H
48MHz
21
mA
5MHz
10
mA
S1=H
S0=L
14MHz
16
mA
8MHz
11
mA
IDD_SER1
Dynamic Serializer Power Supply
Current
fCKREF=fSTRB, PLL1=0,PLL0=1;
CTL_ADJ=0; CL=0pF
S1=H
S0=H
28MHz
18
mA
20MHz
10
mA
S1=L
S0=H
48MHz
19
mA
5MHz
8
mA
S1=H
S0=L
14MHz
9
mA
8MHz
9
mA
IDD_DES1
Dynamic Deserializer Power Supply
Current
fCKREF=fSTRB, PLL1=0,PLL0=1;
CTL_ADJ=0; CL=0pF
S1=H
S0=H
28MHz
12
mA


Số phần tương tự - FIN210ACMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Mô tả tương tự - FIN210ACMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com