công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN210ACMLX bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FIN210ACMLX
Giải thích chi tiết về linh kiện  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACMLX bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FIN210ACMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
FIN210AC
10-Bit Serializer / Deserializer Supporting Cameras and
Small Displays up to 48MHz
Features
Data & Control Bits
10-bit
Frequency
48MHz
Capability
Camera or LCD
Interface
Microcontroller, RGB, YUV
µController Usage
m68 & i86
Selectable Edge Rates
Yes
Standby Current
<10µA
Core Voltage (VDDA/S)
2.8 to 3.6V
I/O Voltage (VDDP)
1.65 to 3.6V
ESD (I/O to GND)
15kV
Package
32-Terminal MLP (Preliminary)
42-Ball USS-BGA
Ordering Information
FIN210ACMLX (Preliminary)
FIN210ACGFX
Description
The FIN210AC µSerDes™ is a low-power serializer /
deserializer optimized for use in cell phone displays and
camera paths. The device reduces a 10-bit data path to four
wires. For camera applications, an additional master clock
can be passed in the opposite direction of data flow. The
device utilizes Fairchild’s proprietary ultra-low power, low-
EMI technology.
Applications
Slider, Folder, & Clamshell Mobile Handsets
Printers
Security Cameras
Related Resources
For samples and questions, please contact:
Interface@fairchildsemi.com.
Typical Application
FIN210AC
Baseband
2
2
CTL™
Built-in voltage
translation
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
Up to 48MHz
FIN210AC
Isolates interface
for signal integrity
Camera
Module
Camera
Module
Internal
Termination
Figure 1. Mobile Phone Example


Số phần tương tự - FIN210ACMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Mô tả tương tự - FIN210ACMLX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com