công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB214A bảng dữ liệu(PDF) 8 Page - Summit Microelectronics, Inc.

tên linh kiện SMB214A
Giải thích chi tiết về linh kiện  High-power, Three-channel Programmable DC-DC System Power Managers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMMIT [Summit Microelectronics, Inc.]
Trang chủ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214A bảng dữ liệu(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMB214A Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
8
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Temperature Under Bias .................... -55
°C to +125°C
Storage Temperature.......................... -65
°C to +150°C
Terminal Voltage with Respect to GND:
VBATT Supply Voltage .................... -0.3V to +10V
HVSUP Supply Voltage .................. -0.3V to +6.5V
All Others ...................................... -0.3V to VBATT
Output Short Circuit Current .................…………100mA
Reflow Solder Temperature (30 secs)............... +260
°C
Junction Temperature........................................ +150
°C
ESD Rating per JEDEC ..................................... +2000V
Latch-Up testing per JEDEC............................. ±100mA
Commercial Temperature Range............... 0°C to +70°C
Industrial Temperature Range ................ -40°C to +85°C
VBATT Supply Voltage ........................... +2.7V to +6.0V
HVSUP Supply Voltage........................... +2.7V to +6.0V
All Others.................................................GND to VBATT
Package Thermal Resistance (
θJA), 32-Lead QFN
(thermal pad connected to PCB)....................... 37.2°C/W
Moisture Classification Level 3 (MSL 3) per J-STD-020
RELIABILITY CHARACTERISTICS
Data Retention ................................................ 100 Years
Endurance................................................ 100,000 Cycle
Temperature Range ................................ -40°C to +85°C
Note - The device is not guaranteed to function outside its operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational sections of the specification is not
implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBATT
Input supply voltage
Input supply voltage (operational)
2.7
6.0
V
VHVSUP
Buck driver supply voltage
Gate drive voltage
2.7
6.0
V
VBATT rising
2.2
2.3
V
VUVLO
Under-voltage lockout
VBATT falling
1.9
2.0
V
IDD-MONITOR
Monitoring current
All voltage inputs monitored. No
supplies switching, VBATT at 4.2V.
290
400
µA
IDD-ACTIVE
Active current
Total current all channels enabled. No
load. VBATT at 4.2V. Note 2.
1.2
2.0
mA
VDD_CAP
Internal supply, present on
VDD_CAP pin
No load
2.4
2.5
2.6
V
Oscillator
SMB214A
320
400
480
SMB214B
640
800
960
fOSC
Oscillator frequency
SMB214C
800
1000
1200
kHz
OPP LT
Oscillator peak-to-peak
1
V
∆fSV
Frequency stability for voltage
0.1
%/V
+25°C to +70°C, fOSC = 800kHz
0.18
∆fST
Frequency stability for
temperature
+25°C to +85°C, fOSC = 800kHz
0.22
kHz/°
C


Số phần tương tự - SMB214A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results

Mô tả tương tự - SMB214A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
B&K Precision Corporati...
PVS10005 BK-PVS10005 Datasheet
727Kb / 6P
   High Power Programmable DC Power Supplies
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
   Programmable Power Managers with Digital Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com