công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMB214A bảng dữ liệu(PDF) 6 Page - Summit Microelectronics, Inc. |
|
SMB214A bảng dữ liệu(HTML) 6 Page - Summit Microelectronics, Inc. |
6 / 26 page SMB214A/B/C Summit Microelectronics, Inc 2128 2.0 6/20/2008 6 PIN DESCRIPTION Pin Number Pin Type Pin Name Pin Description 14 IN VM_CH1 The VM_CH1 (Channel 1 Voltage Monitor) pin connects the channel 1 step-down controller output. Internally the VM_CH1 pin connects to an internal programmable resistor divider. 15 CAP VDD_CAP The VDD_CAP (VDD Capacitor) pin is an external capacitor input used to filter the internal supply. 16 PWR VBATT Power supply to part. 17 OUT LSDRV_CH2 The LSDRV_CH2 (Channel 2 Low-side Driver) pin is the lower switching node of the channel 2 synchronous step-down buck controller. Attaches to the gate of n-channel MOSFET. 18 PWR HVSUP2 Channel 2 High Voltage Supply for Channel 2 buck driver. 19 OUT HSDRV_CH2 The HSDRV_CH2 (Channel 2 High-side Driver) pin is the upper switching node of the channel 2 synchronous step-down buck controller. Attach to the gate of p-channel MOSFET. A delay exists between the assertion of HSDRV_CH2 and assertion of LSDRV_CH2 to prevent excessive current flow during switching. 20 IN COMP2_CH2 The COMP2_CH2 (Channel 2 secondary Compensation) pin is the secondary compensation input of the channel 2 step-down buck controller. 21 IN COMP1_CH2 The COMP1_CH2 (Channel 2 primary Compensation) pin is the primary compensation input of the channel 2 step-down buck controller. Each pin is internally connected to a programmable resistor divider. 22 IN VM_CH2 The VM_CH2 (Channel 2 Voltage Monitor) pin connects the channel 6 step-down controller output. Internally the VM_CH2 pin connects to an internal programmable resistor divider. 26 IN PWREN The PWREN (Power Enable) pin is a programmable input used to enable (disable) selected supplies. This pin can also be programmed to latch and act as a debounced, manual push button input. Active high when level triggered, active low when used as a push- button input. When unused this pin should be tied to a solid logic level. 30 PWR GND Ground 31 OUT LSDRV_CH0 The LSDRV_CH0 (Channel 0 Low-side Driver) pin is the lower switching node of the channel 0 synchronous step-down buck controller. Attach to the gate of n-channel MOSFET. 32 PWR HVSUP0 Channel 0 High Voltage Supply used to power the channel 0 buck driver. PAD PWR GND Exposed metal (thermal) Pad on bottom of SMB214A/B/C. The thermal pad of the QFN package must be connected to the PCB GND. 23, 24, 25, 27, 28, 29 N/C N/C No Connect |
Số phần tương tự - SMB214A |
|
Mô tả tương tự - SMB214A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |