công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB119 bảng dữ liệu(PDF) 7 Page - Summit Microelectronics, Inc.

tên linh kiện SMB119
Giải thích chi tiết về linh kiện  Seven-Channel Programmable DC-DC Power Manager
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUMMIT [Summit Microelectronics, Inc.]
Trang chủ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 bảng dữ liệu(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
SMB119
Summit Microelectronics, Inc
7
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Temperature Under Bias ...................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VBATT............................................. -0.3V to +6.5V
VIN[7:5], LDOIN3............................ -0.3V to +6.5V
All Others ........................................ -0.3V to +6.5V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 s).......................... 300
°C
Junction Temperature.......................…….....…...150°C
ESD Rating per JEDEC…………………....……..2000V
Latch-Up testing per JEDEC………..…....……
±100mA
Commercial Temperature Range ................0°C to +70°C
Industrial Temperature Range ................ -40°C to +85°C
VBATT.......................................................+2.7V to +6.0V
VIN[7:5], LDOIN3 ......................................+2.7V to +6.0V
Package Thermal Resistance (
θJA)
Die paddle not attached to PCB.......................... 53°C/W
Die paddle attached to PCB............................. 22.9°C/W
Moisture Classification Level 3 (MSL 3) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention ................................................. 100 Years
Endurance................................................100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
General
VBATT
Input supply voltage
+2.7
+6.0
V
VIN[7:5],
LDOIN3
Regulator power supply
voltage
+2.7
+6.0
V
VBATT rising
2.3
2.4
V
VUVLO
Under-voltage lockout voltage
VBATT falling
2.1
V
IDD-ACTIVE
Active supply current
All regulators and monitors
enabled – no load, VBATT =
4.2V
3.3
4.5
mA
IDD-STANDBY
Standby supply current
All regulators disabled,
monitors active, VBATT = 4.2V
130
300
µA
IDD-SHUTDOWN
Shutdown supply current
All regulators and monitors
disabled, Note 4
0.6
5
µA
TSHDN
Thermal shutdown temp
160
oC
THYST
Thermal shutdown temp
hysteresis
20
oC
VDD_CAP
Voltage on VDD_CAP pin
All logic derived from this
voltage, no load
2.4
2.5
2.6
V
T = 0°C to +70°C
900
1000
1100
fOSC
Oscillator frequency (Note 1)
T = -40°C to +85°C
850
1000
1150
kHz
Note - The device is not guaranteed to function outside its operating rating. Stresses listed under Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions outside those listed in the operational sections of the specification is not implied.
Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. Devices
are ESD sensitive. Handling precautions are recommended.


Số phần tương tự - SMB119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SMB119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
   Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
   Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com