công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD5N53TM bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD5N53TM
Giải thích chi tiết về linh kiện  N-Channel MOSFET 530V, 4A, 1.5廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N53TM bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD5N53TM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 8Page - Fairchild Semiconductor FDD5N53TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDD5N53/FDU5N53 Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5N53
FDD5N53TM
D-PAK
380mm
16mm
2500
FDD5N53
FDD5N53TF
D-PAK
380mm
16mm
2000
FDU5N53
FDU5N53TU
I-PAK
-
-
70
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V, TJ = 25
oC
530
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25
oC-
0.6
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 530V, VGS = 0V
-
-
1
μA
VDS = 424V, TC = 125
oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±30V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 2A
-
1.25
1.5
Ω
gFS
Forward Transconductance
VDS = 40V, ID = 2A
(Note 4)
-4.3
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
480
640
pF
Coss
Output Capacitance
-
66
88
pF
Crss
Reverse Transfer Capacitance
-
5
8
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V, ID = 5A
VGS = 10V
(Note 4, 5)
-11
15
nC
Qgs
Gate to Source Gate Charge
-
3
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 5A
RG = 25Ω
(Note 4, 5)
-13
36
ns
tr
Turn-On Rise Time
-
22
54
ns
td(off)
Turn-Off Delay Time
-
28
66
ns
tf
Turn-Off Fall Time
-
20
50
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
4
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
16
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 4A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 5A
dIF/dt = 100A/μs
(Note 4)
-
300
-
ns
Qrr
Reverse Recovery Charge
-
1.8
-
μC
Notes:
1: Repetitive Rating: Pulse width limited by maximum junction temperature
2: L = 32mH, IAS = 4A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3: ISD ≤ 4A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4: Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5: Essentially Independent of Operating Temperature Typical Characteristics


Số phần tương tự - FDD5N53TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FDD5N53TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com