công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA1117 bảng dữ liệu(PDF) 1 Page - Silan Microelectronics Joint-stock

tên linh kiện SA1117
Giải thích chi tiết về linh kiện  1A LDO VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILAN [Silan Microelectronics Joint-stock]
Trang chủ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1117 bảng dữ liệu(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA1117 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1117 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SA1117
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2009.07.22
Http:// www.silan.com.cn
Page 1 of 13
1A LDO VOLTAGE REGULATOR
DESCRIPTION
The SA1117 is a positive low voltage dropout regulator, voltage
dropout is only 1.2V at 1A.
SA1117 has two versions: the fixed version and the adjustable
version. VOUT has a tolerance of less than 1% for fixed versions
1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable version or 2% output
accuracy for fixed version 1.2V.
The SA1117 integrates overheating protection and current limit
circuits. It is an suitable for all electronic products.
FEATURES
* 1% accuracy for fixed output VOUT while the voltage is 1.5V,
1.8V, 2.5V, 3.3V, 5.0V and the adjustable output VOUT
* 2% output accuracy for fixed version 1.2V
* Low Dropout Voltage: 1.2V at 1A output current
* Current Limiting
* Thermal Shutdown
* Temperature Range: -40
°C to 125°C
APPLICATIONS
* Laptop, Palmtop, and Notebook
Computers
* Battery Charger
* SCSI-|| Active Terminator
* Cellular Phone
* Cordless Telephones
* Battery Powered Systems
* Portable Devices
* SMPS Post-Regulator
ORDERING INFORMATION (Temperature range: -40°C ~125°C)


Số phần tương tự - SA1117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
More results

Mô tả tương tự - SA1117

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
   1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com