công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA1021 bảng dữ liệu(PDF) 4 Page - Silan Microelectronics Joint-stock

tên linh kiện SA1021
Giải thích chi tiết về linh kiện  FM RADIO RECEIVER FOR PORTABLE SYSTEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILAN [Silan Microelectronics Joint-stock]
Trang chủ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1021 bảng dữ liệu(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA1021 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA1021
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 4 of 7
Fig.6 Stereo operation: signal/noise and channel
separation of SA1021 when used in the circuit of
Fig.8.
Fig.7 Stereo operation: channel separation as a
Function of audio frequency in the circuit of Fig.8.
TEST AND APPLICATION CIRCUITS
Fig.5 Test circuit for mono operation.
AC ELECTRICAL CHARACTERISTICS(STEREO OPERATION)Tamb=25°C; Vp=3V; measured in Fig.8;
frf=96MHz modulated with pilot
∆f=±6.75kHz and AF signal ∆f=±22.5kHz; fm=1kHz; EMF=1mV(e.m.f. at a
source impedance of 75
Ω); r.m.s. noise voltage measured unweighted (f=300Hz to 20kHz); Unless otherwise
specified.
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Sensitivity (e.m.f.)
for (S+N)/N=26dB
EMF
See Fig.8,pilot off
--
11
--
µV
S+300
--
40
--
dB
Selectitvity
S-300
See Fig.9.no modulation
--
22
--
dB
Signal-to-noise Ratio
(S+N)/N
--
--
50
--
dB
α
at frf =97MHz
--
26
--
dB
Channel Separation
α
Vi=L-signal;
fm=1kHz,pilot on:
at frf =87.5MHz
and 108MHz
--
14
--
dB


Số phần tương tự - SA1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SA102 ETC2-SA102 Datasheet
138Kb / 3P
   Universal Programmers
logo
Cyntec Co., Ltd.
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10201521 CYNTEC-SA10201521 Datasheet
1Mb / 7P
   SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
   SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
logo
AVX Corporation
SA102A100JAR AVX-SA102A100JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Mô tả tương tự - SA1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com