công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4111-1-UR-1 bảng dữ liệu(PDF) 3 Page - Sensitron

tên linh kiện 1N4111-1-UR-1
Giải thích chi tiết về linh kiện  Zener 1.5W DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSITRON [Sensitron]
Trang chủ  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4111-1-UR-1 bảng dữ liệu(HTML) 3 Page - Sensitron

  1N4111-1-UR-1 Datasheet HTML 1Page - Sensitron 1N4111-1-UR-1 Datasheet HTML 2Page - Sensitron 1N4111-1-UR-1 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5095, Rev A
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve
product characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the
latest version of the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic
equipment, medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature
assured safety or by means of users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during
operation of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual
property claims or any other problems that may result from applications of information, products or circuits described in the
datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage
resulting from use at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission
of Sensitron Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application
will hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or
any third party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with
related laws and regulations.
1N4106-1/UR-1 to 1N4135-1/UR-1
SJ
SV
SX


Số phần tương tự - 1N4111-1-UR-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compensated Deuices Inc...
1N4111-1 CDI-DIODE-1N4111-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
M/A-COM Technology Solu...
1N4111-1 MA-COM-1N4111-1 Datasheet
895Kb / 4P
   500 mW power handling
More results

Mô tả tương tự - 1N4111-1-UR-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com