công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM55161A-75HKCI bảng dữ liệu(PDF) 9 Page - Austin Semiconductor

tên linh kiện SM55161A-75HKCI
Giải thích chi tiết về linh kiện  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUSTIN [Austin Semiconductor]
Trang chủ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A-75HKCI bảng dữ liệu(HTML) 9 Page - Austin Semiconductor

Back Button SM55161A-75HKCI Datasheet HTML 5Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 6Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 7Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 8Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 9Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 10Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 11Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 12Page - Austin Semiconductor SM55161A-75HKCI Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
SMJ55161A
Rev. 1.6
03/05
enhanced page mode
Enhanced page-mode operation allows faster memory
access by keeping the same row address while selecting ran-
dom column addresses. This mode eliminates the time required
for row-address setup, row-address hold, and address multi-
plex. The maximum RAS\ low time and CAS\ page cycle time
used determine the number of columns that can be accessed.
Unlike conventional page-mode operations, the enhanced
page mode allows the SMJ55161A to operate at a higher data
bandwidth. Data retrieval begins as soon as the column
address is valid rather than when CASx\ transitions low. A
valid column address can be presented immediately after the
row-address hold time has been satisfied, usually well in
advance of the falling edge of CASx\. In this case, data is
obtained after t
a(C)
MAX (access time from CASx\ low) if t
a(CA)
MAX (access time from column address) has been satisfied.
REFRESH
CAS-before-RAS (CBR) refresh
CBR refreshes are accomplished by bringing either or both
CASL\ and CASU\ low earlier than RAS\. The external row
address is ignored, and the refresh row address is generated
internally. Three types of CBR refresh cycles are available. The
CBR refresh (option reset) ends the persistent write-per-bit mode
and the stop-point mode. The CBRN and CBRS refreshes (no
reset) do not end the persistent write-per-bit mode or the stop-
point mode. The 512 rows of the DRAM do not necessarily
need to be refreshed consecutively as long as the entire refresh
is completed within the required time period, t
rf(MA)
. The
output buffers remain in the high-impedance state during the
CBR refresh cycles regardless of the state of TRG\.
hidden refresh
A hidden refresh is accomplished by holding both CASL\
and CASU\ low in the DRAM read cycle and cycling RAS\. The
output data of the DRAM read cycle remains valid while the
refresh is carried out. Like the CBR refresh, the refreshed row
addresses are generated internally during the hidden refresh.
RAS-only refresh
A RAS\-only refresh is accomplished by cycling RAS\ at
every row address. Unless CASx\ and TRG\ are low, the output
buffers remain in the high-impedance state to conserve power.
Externally-generated addresses must be supplied during RAS\-
only refresh. Strobing each of the 512 row addresses with RAS\
causes all bits in each row to be refreshed.
extended data output
The SMJ55161A features EDO during DRAM accesses. While
RAS\ and TRG\ are low, the DRAM output remains valid. The
output remains valid even when CASx\ returns high until WE\
is low, TRG\ is high, or both CASx\ and RAS\ are high (see
Figure 1 and Figure 2). The EDO mode functions during all read
cycles including DRAM read, page-mode read, and read-
modify-write cycles (see Figure 3).
FIGURE 1: DRAM Read Cycle With RAS\-Controlled Output


Số phần tương tự - SM55161A-75HKCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Mô tả tương tự - SM55161A-75HKCI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com