công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM55161A-75GBM bảng dữ liệu(PDF) 3 Page - Austin Semiconductor |
|
SM55161A-75GBM bảng dữ liệu(HTML) 3 Page - Austin Semiconductor |
3 / 64 page VRAM SM55161A Production Austin Semiconductor, Inc. AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 3 SMJ55161A Rev. 1.6 03/05 GENERAL DESCRIPTION The SMJ55161A, a multiport-video random-access memory (RAM), is a high-speed, dual-port memory device. It consists of a dynamic RAM (DRAM) module organized as 262 144 words of 16 bits each interfaced to a serial-data register (serial-access memory [SAM]) organized as 512 words of 16 bits each. The SMJ55161A supports three basic types of operation: random access to and from the DRAM, serial access to/from the serial register, and transfer of data from any row in the DRAM to the serial register and vice versa. Except during transfer operations, the SMJ55161A can be accessed simultaneously and asynchronously from the DRAM and SAM ports. The SMJ55161A is equipped with several features designed to provide higher system-level bandwidth and to simplify design integration on both the DRAM and SAM ports. On the DRAM port, greater pixel-draw rates are achieved by the device’s (8 × 8) × 2 block-write feature. The block-write mode allows 16 bits of data (present in an on-chip color-data register) to be written to any combination of eight adjacent column-address locations. As many as 128 bits of data can be written to memory during each CAS\ cycle time. Also, on the DRAM port and SAM port, a write mask or a write-per-bit feature allows masking of any combination of the 16 inputs/outputs on any write cycle. The persistent write-per-bit feature uses a mask register that, once loaded, can be used on subsequent write cycles without reloading. The SMJ55161A also offers byte control which can be applied in read cycles, write cycles, block- write cycles, load-write-mask-register cycles, and load-color- register cycles. The SMJ55161A also offers extended-data- output (EDO) mode. The EDO mode is effective in both the page-mode and standard DRAM cycles. The SMJ55161A offers a split-register-transfer read (DRAM-to-SAM) feature for the serial register (SAM port) that enables real-time-register-load implementation for continuous serial-data streams without critical timing requirements. The register is divided into a high half and a low half. While one half is being read out of the SAM port, the other half can be loaded from the memory array. For applications not requiring real-time register load (for example, loads done during CRT-retrace periods), the full-register mode of operation is retained to simplify system design. The SAM port is designed for maximum performance. Data can be accessed from the SAM at serial rates up to 50 MHz. During the split-register-transfer read operations, internal circuitry detects when the last bit position is accessed from the active half of the register and immediately transfers control to the opposite half. A separate output, QSF, is included to indicate which half of the serial register is active. All inputs, outputs, and clock signals on the SMJ55161 are compatible with Series 54/74 TTL. All address lines and data-in lines are latched on-chip to simplify system design. All data- out lines are unlatched to allow greater system flexibility. The SMJ55161A is offered in a 68-pin ceramic pin-grid- array package (GB suffix) and a 64-pin ceramic flatpack (HKC suffix). The SMJ55161A is supported by a broad line of graphic processors and control devices from Texas Instruments. See Table 2 and Table 4 for additional information. Additional features of the 55161A include MASKED FLASH WRITE which allows for data in color register to be written into all the memory locations of a selected row. |
Số phần tương tự - SM55161A-75GBM |
|
Mô tả tương tự - SM55161A-75GBM |