công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD-C512RD bảng dữ liệu(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

tên linh kiện BD-C512RD
Giải thích chi tiết về linh kiện  green chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Trang chủ  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-C512RD bảng dữ liệu(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-C512RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-C512RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-C512RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--C
C5
51
12
2R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
Package Dimensions :
25.00(.984)
8.10(.315)
2.54(.100)
14.20(.560)
8
0.5(.020)
PIN 1.
3.00(.118) MIN.
19.00(.748)
1.70(.067)
8.00(.315)
15.24(.600)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.56 inch (14.20mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common cathode.
Description :
1.
The BD-C512RD is a 14.20mm(0.56")
high dual digit seven segments display.
2.
This product use green chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
2.1
佰鴻工業股份有限公司
http://www.brtled.com


Số phần tương tự - BD-C512RD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BD-C512RD ETC1-BD-C512RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Mô tả tương tự - BD-C512RD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BRIGHT LED ELECTRONICS ...
BA-2G10UW BRIGHT-BA-2G10UW Datasheet
145Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-4G7UW-B BRIGHT-BA-4G7UW-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-A302ND-A BRIGHT-BD-A302ND-A Datasheet
208Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-F542RD BRIGHT-BD-F542RD Datasheet
163Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A502RD BRIGHT-BD-A502RD Datasheet
255Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C402ND BRIGHT-BD-C402ND Datasheet
171Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E402RD BRIGHT-BD-E402RD Datasheet
245Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-2G2UW BRIGHT-BA-2G2UW Datasheet
183Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A512RD BRIGHT-BD-A512RD Datasheet
186Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C542RD BRIGHT-BD-C542RD Datasheet
248Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com