công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV036F011M100 bảng dữ liệu(PDF) 6 Page - Vicor Corporation

tên linh kiện MV036F011M100
Giải thích chi tiết về linh kiện  VTM Current Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F011M100 bảng dữ liệu(HTML) 6 Page - Vicor Corporation

Back Button MV036F011M100 Datasheet HTML 2Page - Vicor Corporation MV036F011M100 Datasheet HTML 3Page - Vicor Corporation MV036F011M100 Datasheet HTML 4Page - Vicor Corporation MV036F011M100 Datasheet HTML 5Page - Vicor Corporation MV036F011M100 Datasheet HTML 6Page - Vicor Corporation MV036F011M100 Datasheet HTML 7Page - Vicor Corporation MV036F011M100 Datasheet HTML 8Page - Vicor Corporation MV036F011M100 Datasheet HTML 9Page - Vicor Corporation MV036F011M100 Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Voltage Transformation Module
MV036 SERIES
Rev. 2.5
Page 6 of 10
V•I Chip Voltage Transformation Module
+In / -In DC Voltage Ports
The VTM input should not exceed the maximum specified. Be aware of
this limit in applications where the VTM is being driven above its
nominal output voltage. If less than 26 Vdc is present at the +In and -In
ports, a continuous VC voltage must be applied for the VTM to process
power. Otherwise VC voltage need only be applied for 10 ms after the
voltage at the +In and -In ports has reached or exceeded 26 Vdc. If the
input voltage exceeds the overvoltage turn-off, the VTM will shutdown.
The VTM does not have internal input reverse polarity protection.
Adding a properly sized diode in series with the positive input or a
fused reverse-shunt diode will provide reverse polarity protection.
TM – For Factory Use Only
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
+Out / -Out DC Voltage Output Ports
The output and output return are through two sets of contact
locations. The respective +Out and –Out groups must be connected in
parallel with as low an interconnect resistance as possible.
To take full advantage of the VTM, the user should note the low output
impedance of the device. The low output impedance provides fast
transient response without the need for bulk POL capacitance. Limited-
life electrolytic capacitors required with conventional converters can be
reduced or even eliminated, saving cost and valuable board real estate.
-In
PC
VC
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Figure 9 — VTM pin configuration
Signal Name
Pin Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
VC
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4


Số phần tương tự - MV036F011M100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
MV036F011M100 VICOR-MV036F011M100 Datasheet
711Kb / 10P
   Transformer
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   High density
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F011M100-CB VICOR-MV036F011M100-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results

Mô tả tương tự - MV036F011M100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com