công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXT32SI18 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện CXT32SI18
Giải thích chi tiết về linh kiện  Embedded Serial-IP SOC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CXT32SI18 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  CXT32SI18 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 2Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 3Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 4Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 5Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 6Page - List of Unclassifed Manufacturers CXT32SI18 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Version
NeChip Family
Technical Data Of NeChip Series
Category
Description
CPU, Memory
CPU:CXT32SI10/12/14/16/18
Memory:
Rom: 256K/512KB + 32kB Boot
SRAM: 80K/128/256KB
Up to 8MB for NeChip-E series
Firmware
Reset Circuit
Upgradeable via serial port or tftp
Internal 200ms power-up reset pulse. Power-drop reset triggered at 2.7V. External reset
input causes an internal 200ms reset.
Serial Interface
CMOS (Asynchronous) 3.3V-level signals
Rate is software selectable (110 bps to 921600 bps)
Offer 1/2/3/4/5 high speed serial ports
Serial Line Formats
7 or 8 data bits, 1-2 Stop bits, Parity: odd, even, mark, space, none
Modem Control
CTS, RTS
Flow Control
XON/XOFF (software), CTS/RTS (hardware), none
Programmable I/O
Up to 10 PIO pins (software selectable) sink or source 4mA max.
Network Interface
Ethernet 10BASE-T or 100BASE-TX (auto-sensing)
Compatibility
Protocols Supported
Ethernet: Version 2.0/IEEE 802.3
ARP, UDP/IP, TCP/IP, PING/ICMP, DHCP, BOOTP, Auto IP,TFTP, SNTP ,TELNET ,HTTP,
DNS,SMTP, PPP, LCP, PAP, CHAP, IPCP, PPPoE
SSL/TLS,HTTPS ,SNMP(Optional)
FTP Server/Client (Optional)
Protocol service
DNS
Why dns?
Actually, the remote IP is always dynamic (not fixed) when to transmit data through internet
in the real application, how to get and refresh the remote ip when it has been chanced?
Nechip can provide such solution for such application. NeChip can support dns to query for
IP with a domain name point to your remote machine.
Especially, nechip can auto-detect and diagnose the connection status in time, check and
refresh the remote IP for new connection if the remote IP is changed.
This function will solve the problem in the real internet application with dynamic remote IP
SMTP
Why SMTP?
As we know that smtp is the basic protocol to transmit email. How is this protocol used in the
real M2M application?
NeChip
series
provide such
protocol
to trigger
emails
for
alerts. When
the
terminal/customer
’s devices detect some warning/important evens, but the data connection
is blocked or remote host is not available. How to report such warnings to the host or device
manager. Emails will become the available way to notify the manager in time.
PPP
Why PPP?
Ppp stacks include several protocols, such as LCP, PAP, CHAP, IPCP.
ISDN:
In the traditional industrial applications, remote devices are connected through telephone
lines.
Nechip can support such application by attaching an external modem to any uart of nechip,
Then nechip will dial up automatically by internal ppp machine
GPRS:
GSM is the worldwide wireless communication network which can provide internet service
for GSM terminals, so gsm cellphones can upload and download data from internet. In M2M
applications, the distributed devices also can be connected and communicate with each
other through gsm networking. It can reduce the cost on building wired channel.
Nechip can support driver the external gprs module directly through serial port
(Refer to application for more details)
PPPoE
Why PPPoE?
Nechip can support connect to ADSL modem directly and dial up automatically without any
router. Simple the method to internet and reduce the cost on an additional router As internet
server.
Oct 2008


Số phần tương tự - CXT32SI18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXT3019 CENTRAL-CXT3019 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CXT3019 CENTRAL-CXT3019_10 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT3019 CENTRAL-CXT3019_15 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Advanced Analogic Techn...
CXT3090L ANALOGICTECH-CXT3090L Datasheet
81Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CXT3090L CENTRAL-CXT3090L Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
More results

Mô tả tương tự - CXT32SI18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
logo
List of Unclassifed Man...
VORTEX86SX ETC2-VORTEX86SX Datasheet
2Mb / 30P
   32-BIT x86 Embedded SoC
logo
HiSilicon(Shanghai) Tec...
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
Beckhoff Automation Gmb...
CX8191 BECKHOFF-CX8191 Datasheet
195Kb / 3P
   Embedded PC with BACnet/IP
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
List of Unclassifed Man...
IMB-A180 ETC2-IMB-A180 Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
logo
Altera Corporation
DK-DEV-5CSXC6N-ES ALTERA-DK-DEV-5CSXC6N-ES Datasheet
323Kb / 3P
   Cyclone V SoC Development Kit and SoC Embedded Design Suite
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com