công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXT32SI10 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện CXT32SI10
Giải thích chi tiết về linh kiện  Embedded Serial-IP SOC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CXT32SI10 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  CXT32SI10 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 2Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 3Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 4Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 5Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 6Page - List of Unclassifed Manufacturers CXT32SI10 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary Version
NeChip Family
Solutions & Products based on NeChip
Serial to Ethernet Server: Support POE and SD, PPPoE (ADSL application)
Block diagram
Features:
l Simple external circuit, just several analog interface IC
l Support 1-5 high speed serial ports
l Support RS232/485/422 controller (software selectable, Smart RS485 controller)
l Baudrate up to 921600bps
l Support PoE
l Support 10/100M Ethernet
l Support sd/mmc card
l Abundant networking protocols: refer to technical data for detailed protocols
l Support DNS for dynamic remote IP
l Support PPPoE for ADSL application
l Support multi-channel backup (eth + PPPoE)
l Provide http (web customized) server
l Provide telnet server
l Provide serial login mode
l Provide Virtual Com
l Provide Device manager based on windows
Released Resource:
l Conextop provide the whole hardware development data for OEM/ODM companies
Includes product schematic and pcb layout lib.
l Simple product development, Provide Technical support to release customized products efficiently.
Typical Products:
Multi-ports Serial to Ethernet converter: 1/2/3/4/5 ports server
POE serial server: 1/2/3/4/5 ports server
Smart serial server with SD / PPPoE for ADSL
Oct 2008
Multi-ports serial servers with POE
CXT32SI1XIE: NeChip
Oscillator : 25MHZ
Serial ports
: 1-5 ports
SD/MMC: 2GB
POE Module
:Power supply from PoE module
NeChip
CXT32SI1
XIE
CONEXTOP
POE Module
Power Supply
Magnetic
+
RJ45 Jack
SD/MMC
Card
Serial ports
RS232/485/422
Interface
XTAL
Oscillator
25MHZ
10/100M
MAC+PHY
SDIO
SPI


Số phần tương tự - CXT32SI10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXT3019 CENTRAL-CXT3019 Datasheet
100Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTORS
CXT3019 CENTRAL-CXT3019_10 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT3019 CENTRAL-CXT3019_15 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Advanced Analogic Techn...
CXT3090L ANALOGICTECH-CXT3090L Datasheet
81Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CXT3090L CENTRAL-CXT3090L Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
More results

Mô tả tương tự - CXT32SI10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
HI3518E HISILICON-HI3518E Datasheet
434Kb / 2P
   Hi3518E 720p IP-Cam SOC
HI3516D HISILICON-HI3516D Datasheet
201Kb / 7P
   Hi3516D Professional HD IP Camera SoC
2014-12-22
logo
List of Unclassifed Man...
VORTEX86SX ETC2-VORTEX86SX Datasheet
2Mb / 30P
   32-BIT x86 Embedded SoC
logo
HiSilicon(Shanghai) Tec...
HI3519A HISILICON-HI3519A Datasheet
260Kb / 11P
   V100 4K Smart IP Camera SoC
logo
Beckhoff Automation Gmb...
CX8191 BECKHOFF-CX8191 Datasheet
195Kb / 3P
   Embedded PC with BACnet/IP
logo
Cypress Semiconductor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
logo
List of Unclassifed Man...
IMB-A180 ETC2-IMB-A180 Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
   AMD Embedded G-Series SOC processor
logo
Altera Corporation
DK-DEV-5CSXC6N-ES ALTERA-DK-DEV-5CSXC6N-ES Datasheet
323Kb / 3P
   Cyclone V SoC Development Kit and SoC Embedded Design Suite
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com