công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDH36D07NP-2R2MC bảng dữ liệu(PDF) 2 Page - Sumida Corporation |
|
CDH36D07NP-2R2MC bảng dữ liệu(HTML) 2 Page - Sumida Corporation |
2 / 3 page ■ ■ ■ ■ Electrical Characteristics specification. ■ ■ ■ ■ Saturation & Temperature Rise Current Characteristics Curve. SMD Power Inductor SMD Power Inductor SMD Power Inductor SMD Power Inductor CDH36D07 CDH36D07 CDH36D07 CDH36D07 ※1. Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value. ※2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃) CDH CDH CDH CDH36 36 36 36DDDD07 07 07 07 ⊿T vs Idc ⊿T vs Idc ⊿T vs Idc ⊿T vs Idc((((REF REF REF REF....) ) ) ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 I dc (A) ⊿ T (℃ ) 0 10 20 30 40 50 60 70 80 1R0 1R5 2R2 2R7 3R3 4R7 6R8 8R2 100 CDH CDH CDH CDH36 36 36 36DDDD07 07 07 07 L vs Idc L vs Idc L vs Idc L vs Idc ((((REF REF REF REF ....) ) ) ) 0 2 4 6 8 10 12 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 I dc (A) L ( μ Η ) 1R0 1R5 2R2 2R7 3R3 4R7 6R8 8R2 100 CDH36D07NP-1R0NC 1R0 1.0 ± 30% 0.14 (0.11) 1.79 1.21 CDH36D07NP-1R5NC 1R5 1.5 ± 30% 0.18 (0.14) 1.52 1.08 CDH36D07NP-2R2MC 2R2 2.2 ± 20% 0.23 (0.18) 1.24 0.93 CDH36D07NP-2R7MC 2R7 2.7 ± 20% 0.26 (0.21) 1.12 0.89 CDH36D07NP-3R3MC 3R3 3.3 ± 20% 0.30 (0.24) 0.98 0.82 CDH36D07NP-4R7MC 4R7 4.7 ± 20% 0.39 (0.31) 0.90 0.70 CDH36D07NP-6R8MC 6R8 6.8 ± 20% 0.55 (0.44) 0.70 0.63 CDH36D07NP-8R2MC 8R2 8.2 ± 20% 0.83 (0.66) 0.65 0.49 CDH36D07NP-100MC 100 10.0 ± 20% 0.96 (0.77) 0.58 0.36 Saturation Current (A)※1 Temperature Rise Current (A) ※2 Stamp Part Name Inductance (µH) 100KHz D.C.R.( Ω) Max.(Typ.) (at 20 ℃) |
Số phần tương tự - CDH36D07NP-2R2MC |
|
Mô tả tương tự - CDH36D07NP-2R2MC |