công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC102825002JE bảng dữ liệu(PDF) 1 Page - Ohmite Mfg. Co.

tên linh kiện MC102825002JE
Giải thích chi tiết về linh kiện  High Voltage/High Resistance Precision Thick Film Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OHMITE [Ohmite Mfg. Co.]
Trang chủ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MC102825002JE bảng dữ liệu(HTML) 1 Page - Ohmite Mfg. Co.

  MC102825002JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite’s MacroChip resistors
bring precision high voltage
capabilities to surface mount
applications. Designed with
thick film on alumina substrate
technology, the resistors can
be provided in precision toler-
ances, high voltage ratings,
and high resistance values.
The planar package design
is low profile for easy use
with instrumentation, medical
equipment, voltage regulators,
and power supplies.
Fea tures
• Non-inductive design (less than
50 nanohenries)
• Low voltage coefficient
• Surface mount
• Pd Ag terminations
• J-bend terminals for applications
involving shock and vibration
Macrochip Series
High Voltage/High resistance
Precision thick Film surface Mount
aPP lica tions
• Medical instrumentation
• Power Supplies
• Avionics
• Light Magnification Systems
sP eci F ica tions
Material
Resistor: Thick film on Alumina
Electrical
Resistance Range:
100 Ohms to 5,000M
Power Rating: 0.75W to 3.25W
Voltage Rating: 2.0KV to 10.0KV
Tolerance: 0.5% to 20%
Operating Temperature:
-55°C to +180°C
TCR and VCR: see Slim Mox,
page 70
Note: Silver solder is recom-
mended for Macrochip resistors.
Leaching of the silver in the ter-
mination will occur if non-silver
solder is used. 60/40 tin-lead sol-
ders are not recommended for
use with the Macrochip product.
ohmite
resistance
Power Voltage
Dimensions (in./mm)
standard temperature coefficient
Qty./reel
series
range (ohms)
@25°c rating
a ±.01”
B ±.01”
B’ max. (J-bend)
50PPM/°c
100PPM/°c
w/J-bend w/o J-bend
MC101
100
Ω to 1,000M 0.75W 2.0KV 0.25” (6.35) 0.25” (6.35) 0.29” (7.37)
100
Ω-100M 101M-1,000M
1000
2500
MC102
200
Ω to 5,000M 1.50W 5.0KV 0.25” (6.35) 0.50” (12.70) 0.54” (13.72) 200Ω-250M 251M-5,000M
1000
2500
MC103
250
Ω to 5,000M 2.00W 7.5KV 0.25” (6.35) 0.75” (19.05) 0.79” (20.07) 250Ω-100M 101M-5,000M
1000
2500
MC104
1K to 5,000M
2.50W 10.0KV
0.25” (6.35) 1.00” (25.40) 1.04” (26.42)
500
Ω-450M 451M-5,000M
MC202
500
Ω to 5,000M 2.50W 5.0KV 0.50” (12.70) 0.50” (12.70)
500
Ω-200M 201M-5,000M
MC204
1K to 5,000M
3.25W 10.0KV
0.50” (12.70) 1.00” (25.40)
1K-375M
376M-5,000M
Contact Ohmite for custom configurations.
B
A
0.050"
(1.27 mm)
two places
0.030"
±0.005
(0.76 mm
±0.13)
B'
0.14"
(3.6mm)
0.055" typ.
(1.40mm)
NAS CC21AA-D22W-OFA
J Lead 0.050" centers
With J-bend Option:
ordering informa tion
MC102821006J ER
Macro Chip
Series
Terminal
8 = No term.
5 = J-bend
Style
101
102
104
104
202
204
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Coating
2 = Blue silicone
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS
compliant
Tape and Reel
optional
St andard p ar t number S for m acrochip
Series
MC10282
Tolerance
5%
Watts
1W
Ohms
1K
MC102821001JE
2.5K MC102822501JE
5K
MC102825001JE
7.5K MC102827501JE
10K
MC102821002JE
12.5K MC102821252JE
15K
MC102821502JE
17.5K MC102821752JE
20K
MC102822002JE
25K
MC102822502JE
Series
MC10282
Tolerance
5%
Watts
1W
Ohms
50K
MC102825002JE
75K
MC102827502JE
100K
MC102821003JE
125K
MC102821253JE
150K
MC102821503JE
200K
MC102822003JE
250K
MC102822503JE
500K
MC102825003JE
750K
MC102827503JE
1M
MC102821004JE
Series
MC10282
Tolerance
5%
Watts
1W
Ohms
1.25M MC102821254JE
1.5M MC102821504JE
1.75M MC102821754JE
2M
MC102822004JE
2.5M MC102822504JE
5M
MC102825004JE
10M
MC102821005JE
25M
MC102822505JE
50M
MC102825005JE
performance da t a
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B,
±0.25%
Condition B
Dielectric
MIL-STD-202, Method 301,
±0.25%
Withstanding Voltage
750V
Insulation Resistance
MIL-STD-202, Method 302,
>10,000M
Condition A or B
or greater dry
Thermal Shock
MIL-STD-202, Method 107G,
±0.20%
Condition B, B-1, or F
Load Life
MIL-STD-202, Method 108A,
±1.0%
Condition D
Resistance to Solvents
MIL-STD-202, Method 215G
No degradation of
coating or marking
Shock (Specified Pulse)
MIL-STD-202, Method 213B,
±0.25%
Condition I
Vibration, High Frequency
MIL-STD-202, Method 204D,
±.020%
Condition D
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Check product availability at
www.ohmite.com
land p a ttern ( in. )
Land pattern dimensions are for reference only.
L
O
M
N
size
M
n
o
l
Mc101
0.280 0.080 0.278 0.120
Mc102
0.530 0.080 0.278 0.370
Mc103
0.780 0.080 0.278 0.620
Mc104
1.030 0.080 0.278 0.870
Mc202
0.530 0.080 0.556 0.370
Mc204
1.030 0.080 0.556 0.870


Số phần tương tự - MC102825002JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MC102825002JE OHMITE-MC102825002JE Datasheet
363Kb / 2P
   Low voltage coefficient
MC102825002JE OHMITE-MC102825002JE Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
More results

Mô tả tương tự - MC102825002JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MOX-1-121000D OHMITE-MOX-1-121000D Datasheet
173Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
logo
KOA Speer Electronics, ...
GS1DC106 KOA-GS1DC106 Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
GS12LC106J KOA-GS12LC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com