công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FM-103C8-458NB bảng dữ liệu(PDF) 1 Page - rfsolutions.ltd

tên linh kiện FM-103C8-458NB
Giải thích chi tiết về linh kiện  RADIO TRANSMITTER ENCODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFSOLUTIONS [rfsolutions.ltd]
Trang chủ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-103C8-458NB bảng dữ liệu(HTML) 1 Page - rfsolutions.ltd

  FM-103C8-458NB Datasheet HTML 1Page - rfsolutions.ltd FM-103C8-458NB Datasheet HTML 2Page - rfsolutions.ltd FM-103C8-458NB Datasheet HTML 3Page - rfsolutions.ltd FM-103C8-458NB Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS103_3
Jan ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 1
103 & 107 SERIES RADIO TRANSMITTER ENCODERS
Highly Secure
Protocol
Frequency Options 433, 433NB, 458, 868MHz
RF Power (ERP) From 0.25 To 500mW
Range 100m To 6Km
Led Indication of Transmission
Directly Compatible With Keeloq Decoder
Power Saving Auto Shut Off Feature
Automatically Transmits Battery Low Condition.
Range;
433MHz Upto 200 Metres
433NB Upto 1000 Metres
458MHz Upto 6,000 Metres
103 Series Encoders
Aluminium IP65 Rated Enclosure
Dimensions 164 x 82 x 32
4, 8 And 15 Switch Options
Custom Membrane Option
107 Series Encoders
Polypropylene IP65 Rated Enclosure
Dimensions 250 x 90 x 45
4, 8 And 14 Switch Options
Custom Membrane Option
The RF Solutions 103 and 107 series radio transmitter
encoders
may
be
supplied
at
one
of
several
frequencies and with several different switch options.
Supplied
in
either
a
rugged
aluminium
or
Polypropylene IP65 rated enclosures, these encoders
are complete and ready to operate.
Power supply is by 2 x PP3 batteries.
Each encoder may be used with one of RF Solutions
decoders.
When paired with one of the RF Solutions Decoders, a
complete high security “code hopping” remote control
system may be achieved.
Custom solutions may also be supplied unique to
customer specific requirements.
Please contact RF
Solutions for further information.
103 Series
107 Series
103 Series


Số phần tương tự - FM-103C8-458NB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FM-1000-50 ETC2-FM-1000-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-104PIN MACOM-FM-104PIN Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
More results

Mô tả tương tự - FM-103C8-458NB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
   Radio transmitter module
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
   RADIO CONTROL TRANSMITTER IC
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
   QM Radio Transmitter Module
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
[Old version datasheet]   FM STEREO RADIO WITH TRANSMITTER
logo
rfsolutions.ltd
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com