công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS1632R015FER bảng dữ liệu(PDF) 1 Page - Ohmite Mfg. Co.

tên linh kiện MCS1632R015FER
Giải thích chi tiết về linh kiện  Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OHMITE [Ohmite Mfg. Co.]
Trang chủ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MCS1632R015FER bảng dữ liệu(HTML) 1 Page - Ohmite Mfg. Co.

  MCS1632R015FER Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
1
MCS Series
Metal Element Current Sense
Resistive Metal Alloy mOhm Technology, SMD
Power
Rating
Resistance TCR (ppm/°C)
Series
(@70°C) 5m
Ω 10mΩ 15mΩ 20mΩ 25mΩ 30mΩ 40mΩ 50mΩ
MCS1632
1W
<200 <70
<40
<40
<40
<40
<40
<40
MCS3264
2W
<200 <70
<40
<40
<40
<40
<40
<40
F EA T u RES
• NiCu or MnCu resistive alloy;
material TCR ±10ppm/°K
• Marking epoxy UL-94-V0 confor-
mal
• 96% alumina substrate thermo
dissipation protective layer
• Cu terminal electrode Pb-free
termination
• Flame-retardant epoxy protective
coat (UL-94-V0)
• Ultra low resistance value
(0.005
Ω ~ 0.050Ω); long side
electrode to satisfy the most
demanding current-sense appli-
cations.
• Precision resistance alloy
(NiCr20AlSi, or CuMnNi);
material selected for low TCR
(<50ppm/°C)
• Superior temperature coeffi-
cient characteristics; resistance
vs. temp. change from 25°C
to 125°C within 10ppm/°C ~
50ppm/°C
• Low inductance, low thermo
EMF (<50µV/°C)
St andard v alue S
Power Ohm
Qty./
Part Number
Rating Value
Reel
MCS1632R010FER 1W
0.01
Ω 5000
MCS1632R015FER 1W 0.015
Ω 5000
MCS1632R020FER 1W
0.02
Ω 5000
MCS1632R025FER 1W 0.025
Ω 5000
MCS1632R050FER 1W
0.05
Ω 5000
Performance c haracteri S tic S
Test
Condition
Maximum
∆R
Short Time
JIS C 5201 4.13; Overload voltage
±(0.5% +0.0005
Ω)
Overload
2.5x rated voltage for 5 sec.
High Temp.
JIS C 5202 7.11; Test chamber 155 ±3°C for
±(0.5% +0.0005
Ω)
Exposure
1000 +48/-0 hours
Low Temp.
JIS C 5202 7.1; Test chamber -55 ±3°C
±(0.5% +0.0005
Ω)
Storage
for 96 ±4 hours
Endurance under JIS C 5202 7.9; Temp. 60 ±2°C, relative
±(0.5% +0.0005
Ω)
Damp and Load humidity 90-95%, rated DC voltage applied
90 min. on, 30 min. off for 1000 +48/-0 hours
Thermal Shock
JIS C 5202 7.4; -55 ±3°C for 30 min. to
±(0.5% +0.0005
Ω)
room temp for 2-3 min. to +150 ±2°C for
30 min. to room temp for 2-3 min., 100 cycles
Load Life
JIS C 5202 7.10; Temp. 70 ±2°C, rated DC voltage ±(1% +0.0005
Ω)
applied 90 min. on, 30 min. off for 1000 +48/-0 hours
Solderability
JIS C 5202 6.5; Solder temp. 235 ±5°C,
New solder min.
2 ±0.5 sec. immersion
90% of terminal
Resistance to
JIS C 5202 6.4; Solder temp. 260 ±5°C,
±(0.5% +0.0005
Ω)
Solder Heat
10 ±1 sec. immersion
Mechanical
JIS C 5202 6.2; Load 10N (1.02kgf) for
±(0.5% +0.0005
Ω)
Shock
10 ±1 sec., middle of specimen pressurized
Insulation
JIS C 5202 5.6; DC 100 ±15V for 1 min.
>102M
Ω
Resistance
Land
Pattern
L
W
0.024"
0.60mm
±0.02
O
N
L2
a
A PP li CA T i ONS
• Industrial electronics, power
electronics: power supply, DC/
DC converter, AC/DC converter,
motor controller, automotive
electronics
• Battery charger, PC, PDA, 3C
products, Telecommunications,
instruments, white goods
S PEC i F i CA T i ONS
Resistance Range:
0.005
Ω - 0.05Ω
Color: white (top) / green (bottom)
Power: 1 and 2 watts at 70°C
Standard resistance values
(m
Ω): 5, 10, 15, 20, 25, 30, 35,
50
TCR: ±50ppm/°C (two standard
series of temperatures: 25°C,
0°C, -15°C, -55°C and 25°C,
50°C, 75°C, 125°C, 150°C;
temp. tolerance ±3°C; TCR =
(R2-R1)/R1(T2-T1)x106)
Tolerance: 1%, 3%, 5%
Rated voltage: (PxR)1/2
orderin G informa tion
Check product availability at
www.ohmite.com
MCS1632R005FE R
Series
Metal Alloy
Current Sense
Case Size
1632 =1w
3264 =2w
Tolerance
F= 1%
Ohms
R005 = 0.005
Taping Code
1632 = 5,000 pc/reel
3264 = 4,000 pc/reel
RoHS Compliant
dimen S ion S ( in./mm±0.02 )
Solder
Size
l
W
a
N
l2
O
Thickness (µm/w)
MCS1632
0.126/3.20 0.063/1.60 0.020/0.50 0.059/1.50 0.039/1.00 0.079/2.00
35/0.5, 105/1.0
MCS3264
0.252/6.40 0.126/3.20 0.040/1.00 0.079/2.00 0.165/4.20 0.150/3.80
35/1.0, 105/2.0
P AC k A gi N g (in./mm)
Tape width Reel diam.
Weight
Part.
Size
±0.30mm
±0.50mm
Pc/Reel (g ±10)
no.
MCS1632
0.315/8.00
7.00/178.0
5000
131
T5
MCS3264
0.472/12.00 7.00/178.0
4000
291
T4
100
Ambient Temperature,
°C
60
20
0
80
40
70
-55
50
100
175
150
D ERA T i N g
Power Ohm
Qty./
Part Number
Rating Value
Reel
MCS3264R005FER 2W 0.005
Ω 4000
MCS3264R010FER 2W
0.01
Ω 4000
MCS3264R015FER 2W 0.015
Ω 4000
MCS3264R020FER 2W
0.02
Ω 4000
MCS3264R025FER 2W 0.025
Ω 4000
MCS3264R050FER 2W
0.05
Ω 4000
NiCu or MnCu
Resistive Alloy
Material TCR
±10ppm/°K
96% Alumina Substrate
Thermo-dissipation
Protective Layer
Flame-retardant Epoxy
Protective Coat
Cu Electrode
Pb-free Termination
Marking
Epoxy UL-94-V0
Conformal


Số phần tương tự - MCS1632R015FER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MCS1632R015FER OHMITE-MCS1632R015FER Datasheet
494Kb / 2P
   Industrial electronics, power electronics
MCS1632R015FER OHMITE-MCS1632R015FER Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results

Mô tả tương tự - MCS1632R015FER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
   Metal Alloy Current Sense Resistor
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
   Two Terminal Metal Element Current Sense
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
   SMD Current Sense Metal Chip Resistor
logo
Central Technologies
CTCSC CT-CTCSC Datasheet
440Kb / 5P
   Metal Alloy Current Sensors
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com