công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1825B bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện UC1825B
Giải thích chi tiết về linh kiện  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1825B bảng dữ liệu(HTML) 5 Page - Texas Instruments

  UC1825B Datasheet HTML 1Page - Texas Instruments UC1825B Datasheet HTML 2Page - Texas Instruments UC1825B Datasheet HTML 3Page - Texas Instruments UC1825B Datasheet HTML 4Page - Texas Instruments UC1825B Datasheet HTML 5Page - Texas Instruments UC1825B Datasheet HTML 6Page - Texas Instruments UC1825B Datasheet HTML 7Page - Texas Instruments UC1825B Datasheet HTML 8Page - Texas Instruments UC1825B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
OSCILLATOR (cont.)
APPLICATIONS INFORMATION (cont.)
Oscillator Frequency vs. RT and CT Curve
Maximum Duty Cycle vs RT Curve
UDG-95104
UDG-95103
LEADING EDGE BLANKING
The UC3823A,B/3825A,B performs fixed frequency
pulse width modulation control. The UC3823A,B out-
puts operate together at the switching frequency and
can vary from 0 to some value less than 100%. The
UC3825A,B outputs are alternately controlled. During
every other cycle, one output will be off. Each output
then, switches at one-half the oscillator frequency, vary-
ing in duty cycle from 0 to less than 50%.
To limit maximum duty cycle, the internal clock pulse
blanks both outputs low during the discharge time of
the oscillator. On the falling edge of the clock, the ap-
propriate output(s) is driven high. The end of the pulse
is controlled by the PWM comparator, current limit com-
parator, or the overcurrent comparator.
Normally the PWM comparator will sense a ramp
crossing a control voltage (error amp output) and termi-
nate the pulse. Leading edge blanking (LEB) causes
the PWM comparator to be ignored for a fixed amount
of time after the start of the pulse. This allows noise in-
herent with switched mode power conversion to be re-
jected. The PWM ramp input may not require any
filtering as result of leading edge blanking.
To program a Leading Edge Blanking period, connect a
capacitor, C, to CLK/LEB. The discharge time set by C
and the internal 10k resistor will determine the blanked
interval. The 10k resistor has a 10% tolerance. For
more accuracy, an external 2k 1% resistor, R, can be
added, resulting in an equivalent resistance of 1.66k
with a tolerance of 2.4%. The design equation is:
tLEB = 0.5 • (R | | 10k) • C.
Values of R less than 2k should not be used
Leading edge blanking is also applied to the current
limit comparator. After LEB, if the ILIM pin exceeds the
one volt threshold, the pulse is terminated. The over
current comparator, however, is not blanked. It will
catch catastrophic over current faults without a blanking
delay. Any time the ILIM pin exceeds 1.2V, the fault
latch will be set and the outputs driven low. For this rea-
son, some noise filtering may be required on the ILIM
pin.
LEB Operational Waveforms
UDG-95105


Số phần tương tự - UC1825B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1825B TI-UC1825B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825B TI-UC1825B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
More results

Mô tả tương tự - UC1825B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com