công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV120 bảng dữ liệu(PDF) 10 Page - Extech Instruments Corporation.

tên linh kiện MV120
Giải thích chi tiết về linh kiện  Digital MultiMeters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXTECH [Extech Instruments Corporation.]
Trang chủ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MV120 bảng dữ liệu(HTML) 10 Page - Extech Instruments Corporation.

Back Button MV120 Datasheet HTML 5Page - Extech Instruments Corporation. MV120 Datasheet HTML 6Page - Extech Instruments Corporation. MV120 Datasheet HTML 7Page - Extech Instruments Corporation. MV120 Datasheet HTML 8Page - Extech Instruments Corporation. MV120 Datasheet HTML 9Page - Extech Instruments Corporation. MV120 Datasheet HTML 10Page - Extech Instruments Corporation. MV120 Datasheet HTML 11Page - Extech Instruments Corporation. MV120 Datasheet HTML 12Page - Extech Instruments Corporation. MV120 Datasheet HTML 13Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Operation
General Procedures
1.
Apply power via ON/OFF switch. If the low battery symbol appears, replace the battery.
2.
Set the function switch to the correct position before taking measurements.
3.
Press the Display Release Button and set the display to a convenient viewing angle.
AC/DC Voltage Measurements (DO NOT EXCEED MAX INPUT LIMIT OF 1000VDC)
1.
Connect the black test lead to the meter's COM socket and the red lead to the meter's "V
ΩF" socket.
2.
Set the rotary switch to a "V" position range higher than the expected voltage.
3.
Press the "DC / AC" button to select AC or DC measurement (for models MV-110 and MV-120 only).
4.
Connect the test leads to the unit under test (load, circuit, etc.)
5.
The value of the measured voltage will appear in the LCD display.
Resistance Measurement
1.
Connect the black test lead to the COM socket and the red lead to the V/
Ω socket.
2.
Set the rotary switch to the "
Ω" range required.
3.
Connect the test leads to the unit under test.
4.
The value of the measured resistance will appear in the LCD display.


Số phần tương tự - MV120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MV12L04T-080 ETC-MV12L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV12L11T-180 ETC-MV12L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV12L14T-240 ETC-MV12L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV12L17T-270 ETC-MV12L17T-270 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV12L20T-330 ETC-MV12L20T-330 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Mô tả tương tự - MV120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com