công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14CA8-RF25I bảng dữ liệu(PDF) 3 Page - Cypress Semiconductor

tên linh kiện STK14CA8-RF25I
Giải thích chi tiết về linh kiện  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-RF25I bảng dữ liệu(HTML) 3 Page - Cypress Semiconductor

  STK14CA8-RF25I Datasheet HTML 1Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 2Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 3Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 4Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-RF25I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 3 of 16
Absolute Maximum Ratings
Voltage on Input Relative to Ground.................–0.5V to 4.1V
Voltage on Input Relative to V
SS ...........–0.5V to (V
CC + 0.5V)
Voltage on DQ
0-7 or HSB ......................–0.5V to (V
CC + 0.5V)
Temperature under Bias ............................... –55
°C to 125°C
Junction Temperature ................................... –55
°C to 140°C
Storage Temperature .................................... –65
°C to 150°C
Power Dissipation ............................................................. 1W
DC Output Current (1 output at a time, 1s duration).... 15 mA
NF (SOP-32) PACKAGE THERMAL CHARACTERISTICS
θ
jc 5.4 C/W; θja 44.3 [0fpm], 37.9 [200fpm], 35.1 C/W [500fpm].
RF (SSOP-48) PACKAGE THERMAL CHARACTERISTICS
θ
jc 6.2 C/W; θja 51.1 [0fpm], 44.7 [200fpm], 41.8 C/W [500fpm].
Note: Stresses greater than those listed under Absolute
Maximum Ratings may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device
at conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
DC Characteristics
(VCC = 2.7V to 3.6V)
Note
The HSB pin has IOUT=-10 uA for VOH of 2.4 V, this parameter is characterized but not tested.
Symbol
Parameter
Commercial
Industrial
Units
Notes
Min
Max
Min
Max
ICC1
Average VCC Current
65
55
50
70
60
55
mA
mA
mA
tAVAV = 25 ns
tAVAV = 35 ns
tAVAV = 45 ns
Dependent on output loading and cycle
rate. Values obtained without output loads.
ICC2
Average VCC Current during
STORE
3
3
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE)
ICC3
Average VCC Current at tAVAV =
200 ns
3V, 25°C, Typical
10
10
mA
W
(V
CC– 0.2V)
All Other Inputs Cycling at CMOS Levels
Dependent on output loading and cycle
rate. Values obtained without output loads.
ICC4
Average VCAP Current during
AutoStore Cycle
3
3
mA
All Inputs Don’t Care
Average current for duration of STORE
cycle (tSTORE)
ISB
VCC Standby Current
(Standby, Stable CMOS Levels)
33
mA
E
≥ (V
CC -0.2V)
All Others VIN≤ 0.2V or (VCC-0.2V)
Standby current level after nonvolatile
cycle complete
IILK
Input Leakage Current
±1
±1
μAV
CC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage
Current
±1
±1
μAV
CC = max
VIN = VSS to VCC, E or G VIH
VIH
Input Logic “1” Voltage
2.0
VCC+0.3
2.0
VCC+0.3
V
All Inputs
VIL
Input Logic “0” Voltage
VSS–0.5
0.8
VSS–0.5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 2 mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4 mA
TA
Operating Temperature
0
70
– 40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.3V + 0.3V
VCAP
Storage Capacitance
17
120
17
120
μFBetween V
CAP pin and VSS, 5V rated.
NVC
Nonvolatile STORE operations
200
200
K
DATAR Data Retention
20
20
Years At 55
°C
[+] Feedback


Số phần tương tự - STK14CA8-RF25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14CA8-RF25I ETC-STK14CA8-RF25I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25ITR SIMTEK-STK14CA8-RF25ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25ITR SIMTEK-STK14CA8-RF25ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Mô tả tương tự - STK14CA8-RF25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com