công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK11C88-SF45I bảng dữ liệu(PDF) 6 Page - Cypress Semiconductor

tên linh kiện STK11C88-SF45I
Giải thích chi tiết về linh kiện  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-SF45I bảng dữ liệu(HTML) 6 Page - Cypress Semiconductor

Back Button STK11C88-SF45I Datasheet HTML 2Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 3Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 4Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 5Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 6Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 7Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 8Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 9Page - Cypress Semiconductor STK11C88-SF45I Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 6 of 15
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Temperature under bias .............................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND.......... –0.5V to 7.0V
Voltage on Input Relative to Vss ............–0.6V to VCC + 0.5V
Voltage on DQ0-7 ...................................–0.5V to Vcc + 0.5V
Power Dissipation ......................................................... 1.0W
DC Output Current (1 output at a time, 1s duration).... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
-40
°C to +85°C
4.5V to 5.5V
DC Electrical Characteristics
Over the operating range (VCC = 4.5V to 5.5V)
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current tRC = 25 ns
tRC = 45 ns
Dependent on output loading and cycle rate.
Values obtained without output loads.
IOUT = 0 mA.
Commercial
97
70
mA
mA
Industrial
100
70
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
3mA
ICC3
Average VCC Current
at tRC= 200 ns, 5V,
25°C Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
10
mA
ISB1
[3]
Average VCC Current
(Standby, Cycling
TTL Input Levels)
tRC=25ns, CE > VIH
tRC=45ns, CE > VIH
Commercial
30
22
mA
Industrial
31
23
mA
ISB2
[3]
VCC Standby Current
(Standby, Stable
CMOS Input Levels)
CE > (VCC – 0.2V). All others VIN < 0.2V or > (VCC – 0.2V).
750
μA
IIX
Input Leakage
Current
VCC = Max, VSS < VIN < VCC
-1
+1
μA
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
-5
+5
μA
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS
0.5
0.8
V
VOH
Output HIGH Voltage IOUT = –4 mA
2.4
V
VOL
Output LOW Voltage IOUT = 8 mA
0.4
V
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data Retention
100
Years
NVC
Nonvolatile STORE Operations
1,000
K
Note
3. CE > VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


Số phần tương tự - STK11C88-SF45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK11C88-SF45I SIMTEK-STK11C88-SF45I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45I SIMTEK-STK11C88-SF45I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45ITR SIMTEK-STK11C88-SF45ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF45ITR SIMTEK-STK11C88-SF45ITR Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

Mô tả tương tự - STK11C88-SF45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com