công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXA3691AEN bảng dữ liệu(PDF) 6 Page - Sony Corporation

tên linh kiện CXA3691AEN
Giải thích chi tiết về linh kiện  High-speed Buffer Amplifier for CCD Image Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3691AEN bảng dữ liệu(HTML) 6 Page - Sony Corporation

Back Button CXA3691AEN Datasheet HTML 2Page - Sony Corporation CXA3691AEN Datasheet HTML 3Page - Sony Corporation CXA3691AEN Datasheet HTML 4Page - Sony Corporation CXA3691AEN Datasheet HTML 5Page - Sony Corporation CXA3691AEN Datasheet HTML 6Page - Sony Corporation CXA3691AEN Datasheet HTML 7Page - Sony Corporation CXA3691AEN Datasheet HTML 8Page - Sony Corporation CXA3691AEN Datasheet HTML 9Page - Sony Corporation CXA3691AEN Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CXA3691AEN
- 6 -
Description of Operation
Current Settings
1. Output Drive Current
The small signal output impedance of the OUT pin (Pin 3) can be set by connecting the IDRV pin (Pin 4) to VCC
through a resistor. The inflow current to the IDRV pin is multiplied by 10 times inside the IC, and flows as the
output stage idling current.
The IDRV pin has an internal 50k
Ω resistor, so the inflow current to the IDRV pin can be calculated as follows.
IIDRV = (VCC – VBE
× 2)/(RIDRV + 50kΩ)
= (15 – 1.46)/270k
Ω
= 50.1
μA
Here, VCC = 15V, VBE = 0.73V (typ.), and RIDRV = 220k
Ω.
The small signal output impedance at this time can be calculated as follows.
ROUT = (26mV/(10
× IIDRV))/2
= (26mV/501
μA)/2
= 26
Ω
2. Sink Current for CCD with open source output
The sink current of the IN pin (Pin 6) can be set by connecting the ISF pin (Pin 1) to VCC through a resistor.
This sink current can be used as the CCD output stage source follower drive current. The inflow current to the
ISF pin is multiplied by 58 times inside the IC, and flows as the sink current.
The ISF pin has an internal 50k
Ω resistor, so the inflow current to the ISF pin can be calculated as follows.
IISF = (VCC – VBE
× 2)/(RISF + 50kΩ)
= (15 – 1.46)/270k
Ω
= 50.1
μA
Here, VCC = 15V, VBE = 0.73V (typ.), and RISF = 220k
Ω.
The sink current at this time can be calculated as follows.
Isink = 58
× IISF
= 2.9mA
Note) This IC operation depends on IDRV and ISF.
This specification is described based on IDRV of 220k
Ω when VCC = 15V. However , set it to 180kΩ to
occur the same current when using under the condition that VCC = 13V.
[IDRV and ISF vs external resistor]
Current (
μA)
90
68
50
35
26
Unit
When VCC = 15V
100
150
220
330
470
k
Ω
When VCC = 13V
78
120
180
270
390
k
Ω


Số phần tương tự - CXA3691AEN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
More results

Mô tả tương tự - CXA3691AEN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com