công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28133FEZ-T7 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL28133FEZ-T7
Giải thích chi tiết về linh kiện  Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FEZ-T7 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL28133FEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 14Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN6560.1
May 29, 2009
voltage supplies are not practical using typical low offset
precision op amps. For example, the typical ±100µV VOS
and offset drift 0.5µV/°C of a low offset op amp would
produce a DC error of >1V with an additional 5mV°C of
temperature dependent error making it difficult to resolve DC
input voltage changes in the micro-volt range.
The ±8µV max VOS and 0.075µV/°C of the ISL28133
produces a temperature stable maximum DC output error of
only ±80mV with a maximum temperature drift of 0.75µV/°C.
The additional benefit of a very low 1/f noise corner
frequency and some feedback filtering enables DC voltages
and voltage fluctuations well below 100nV to be easily
detected with a simple single stage amplifier.
ISL28133 SPICE Model
Figure 38 shows the SPICE model schematic and Figure 39
shows the net list for the ISL28133 SPICE model. The model
is a simplified version of the actual device and simulates
important parameters such as noise, Slew Rate, Gain and
Phase. The model uses typical parameters from the
ISL28133. The poles and zeros in the model were
determined from the actual open and closed-loop gain and
phase response. This enables the model to present an
accurate AC representation of the actual device. The model
is configured for ambient temperature of +25°C.
Figures 40 through 47 show the characterization vs
simulation results for the Noise Density, Frequency
Response vs Close Loop Gain, Gain vs Frequency vs CL
and Large Signal Step Response (4V).
FIGURE 37. HIGH GAIN, PRECISION DC COUPLED AMPLIFIER
-
+
100
Ω
RL
VIN
VOUT
1M
Ω
1M
Ω,
100
Ω
ISL28133
-2.5V
+2.5V
ACL = 10kV/V
CF
0.018µF
ISL28133, ISL28233, ISL28433


Số phần tương tự - ISL28133FEZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FEZ-T7 RENESAS-ISL28133FEZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Mô tả tương tự - ISL28133FEZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com