công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28266FUZ bảng dữ liệu(PDF) 11 Page - Intersil Corporation |
|
ISL28266FUZ bảng dữ liệu(HTML) 11 Page - Intersil Corporation |
11 / 13 page 11 FN6155.4 August 29, 2008 ISL28166, ISL28266 SOT-23 Package Family e1 N A D E 4 3 2 1 E1 0.15 D C 2X 0.20 C 2X e B 0.20 M D C A-B b NX 6 2 3 5 SEATING PLANE 0.10 C NX 1 3 C D 0.15 A-B C 2X A2 A1 H c (L1) L 0.25 0° +3° -0° GAUGE PLANE A MDP0038 SOT-23 PACKAGE FAMILY SYMBOL MILLIMETERS TOLERANCE SOT23-5 SOT23-6 A 1.45 1.45 MAX A1 0.10 0.10 ±0.05 A2 1.14 1.14 ±0.15 b 0.40 0.40 ±0.05 c 0.14 0.14 ±0.06 D 2.90 2.90 Basic E 2.80 2.80 Basic E1 1.60 1.60 Basic e 0.95 0.95 Basic e1 1.90 1.90 Basic L 0.45 0.45 ±0.10 L1 0.60 0.60 Reference N 5 6 Reference Rev. F 2/07 NOTES: 1. Plastic or metal protrusions of 0.25mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25mm maximum per side are not included. 3. This dimension is measured at Datum Plane “H”. 4. Dimensioning and tolerancing per ASME Y14.5M-1994. 5. Index area - Pin #1 I.D. will be located within the indicated zone (SOT23-6 only). 6. SOT23-5 version has no center lead (shown as a dashed line). |
Số phần tương tự - ISL28266FUZ |
|
Mô tả tương tự - ISL28266FUZ |