công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DE32 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DE32
Giải thích chi tiết về linh kiện  Microcontrollers
Download  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DE32 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9S08DE32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08DE32 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 412 page
background image
MC9S08DE60 Series Data Sheet, Rev. 3
6
Freescale Semiconductor
Revision History
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be
the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
The following revision history table summarizes changes contained in this document.
Revision
Number
Revision
Date
Description of Changes
1
6/2006
Advance Information version for alpha samples customers
2
9/2007
Product Launch. Removed the 64-pin QFN package. Changed from standard to extended
mode for MSCAN registers in register summary. Corrected Block diagrams for SCI.
Updated the latest Temp Sensor information. Made FTSTMOD reserved. Updated device
to use the ADC 12-bit module. Revised the MCG module. Updated the TPM block module
to version 3. Added the TPM block module version 2 as an appendix for devices using
3M05C (or earlier) mask sets. Heavily revised the Electricals appendix.
3
6/2008
Sustaining Update. Incorporated PS Issues # 2765, 3177, 3236, 3292, 3311, 3312, 3326,
3335, 3345, 3382, 2795, 3382 and 3386 PLL Jitter Spec update. Also, added internal
reference clock trim adjustment statement to Features page. Updated the TPM module to
the latest version. Adjusted values in Table A-13 Control Timing row 2 and in Table A-6 DC
Characteristics row 24 so that it references 5.0 V instead of 3.0 V.
© Freescale Semiconductor, Inc., 2007-2008. All rights reserved.
This product incorporates SuperFlash® Technology licensed from SST.


Số phần tương tự - MC9S08DE32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC9S08DE32A NXP-MC9S08DE32A Datasheet
180Kb / 4P
   Addendum to MC9S08DE60 Series Data Sheet Clarifications for MC9S08DE60A/32A Devices
Rev. 1, 4/2009
More results

Mô tả tương tự - MC9S08DE32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com