công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK433-040-E bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện STK433-040-E
Giải thích chi tiết về linh kiện  2-channel class AB audio power IC, 40W40W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-040-E bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  STK433-040-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK433-040-E
No. A1470-2/11
Specifications
Absolute Maximum Ratings
at Ta = 25
°C (excluding rated temperature items), Tc=25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Maximum quiescent supply voltage 0
VCC max (0)
When no signal
±38
V
Maximum supply voltage 1
VCC max (1)
RL≥6Ω
±36
V
Maximum supply voltage 2
VCC max (2)
RL=4Ω
±30
V
Minimum operating supply voltage
VCC min
±10
V
Pin 13 input voltage
VST max
-0.3 to +5.5
V
Thermal resistance
θj-c
Per power transistor
4.2
°C/W
Junction temperature
Tj max
Both the Tj max and Tc max conditions must be met.
150
°C
IC substrate operating temperature
Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable load shorted time
*4
ts
VH=±24V, RL=6Ω, f=50Hz, PO=25W,
1-channel active
0.3
s
Operating Characteristics
at Tc=25
°C, RL=6Ω, Rg=600Ω, VG=30dB, non-inductive load RL, unless otherwise
specified
Conditions *2
Ratings
Parameter
Symbol
VCC
(V)
f
(Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
±24
20 to 20k
0.4
23
25
PO (2)
±24
1k
10
40
Output power
*1
PO (3)
±20
1k
1
RL=4Ω
25
W
THD (1)
±24
20 to 20k
0.4
Total harmonic distortion
*1
THD (2)
±24
1k
5.0
0.02
%
Frequency characteristics *1
fL, fH
±24
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
±24
1k
1.0
55
k
Ω
Output noise voltage
*3
VNO
±29
Rg=2.2k
Ω
1.0
mVrms
Quiescent current
ICCO
±29
No loading
20
45
70
mA
Standby current
ICST
±29
1
mA
Output neutral voltage
VN
±29
-70
0
+70
mV
Pin 13 voltage when standby
ON
VST ON
±24
Standby
0.6
V
Pin 13 voltage when standby
OFF
VST OFF
±24
Operating
2.5
V
[Remarks]
*1: For 1-channel operation
*2: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*3: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*4: Use the transformer power supply circuit shown in the figure below for allowable load shorted time measurement.
*5: Please connect –Pre VCC pin (#1 pin) with the stable minimum voltage and connect so that current does not flow in
by reverse bias.
* Thermal design must be implemented based on the conditions under which the customer’s end products are expected
to operate on the market.
* A thermoplastic adhesive is used to adhere the case.
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VCC
-VCC
+
+
Designated transformer power supply
(MG-200 equivalent)


Số phần tương tự - STK433-040-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

Mô tả tương tự - STK433-040-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK4174MK2 SANYO-STK4174MK2 Datasheet
283Kb / 7P
   2 CHANNEL 40W POWER AMPLIFIER
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
   40W 2 CHANNEL AF POWER AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com