công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1854A bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện UC1854A
Giải thích chi tiết về linh kiện  Enhanced High Power Factor Preregulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1854A bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1854A Datasheet HTML 1Page - Texas Instruments UC1854A Datasheet HTML 2Page - Texas Instruments UC1854A Datasheet HTML 3Page - Texas Instruments UC1854A Datasheet HTML 4Page - Texas Instruments UC1854A Datasheet HTML 5Page - Texas Instruments UC1854A Datasheet HTML 6Page - Texas Instruments UC1854A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6/98
BLOCK DIAGRAM
Controls Boost PWM to Near Unity
Power Factor
Limits Line Current Distortion To <3%
World-Wide Operation Without Switches
Accurate Power Limiting
Fixed Frequency Average Current Mode
Control
High Bandwidth (5MHz), Low Offset
Current Amplifier
Integrated Current and Voltage Amp
Output Clamps
Multiplier Improvements: Linearity,
500mV VAC Offset (eliminates external
resistor), 0-5V Multout Common Mode
Range
VREF "GOOD" Comparator
Faster and Improved Accuracy ENABLE
Comparator
UVLO Threshold Options
(16/10V / 10.5/10V)
300
µA Startup Supply Current
The UC1854A/B products are pin compatible enhanced versions of the
UC1854. Like the UC1854, these products provide all of the functions
necessary for active power factor corrected preregulators. The
controller achieves near unity power factor by shaping the AC input line
current waveform to correspond to the AC input line voltage. To do this
the UC1854A/B uses average current mode control. Average current
mode control maintains stable, low distortion sinusoidal line current
without the need for slope compensation, unlike peak current mode
control.
The UC1854A/B products improve upon the UC1854 by offering a wide
bandwidth, low offset Current Amplifier, a faster responding and
improved accuracy enable comparator, a VREF "good" comparator,
UVLO threshold options (16/10V for offline, 10.5/10V for startup from
an auxiliary 12V regulator), lower startup supply current, and an
enhanced multiply/divide circuit. New features like the amplifier output
clamps, improved amplifier current sinking capability, and low offset
VAC pin reduce the external component count while improving
performance. Improved common mode input range of the Multiplier
output/Current Amp input allow the designer greater flexibility in
choosing a method for current sensing. Unlike its predecessor, RSET
controls only oscillator charging current and has no effect on clamping
the maximum multiplier output current. This current is now clamped to
a maximum of 2 * IAC at all times which simplifies the design process
and provides foldback power limiting during brownout and extreme low
line conditions.
A 1% 7.5V reference, fixed frequency oscillator, PWM, Voltage
Amplifier with softstart, line voltage feedforward (VRMS squarer), input
supply voltage clamp, and over current comparator round out the list of
features.
UC1854A/B
UC2854A/B
UC3854A/B
Enhanced High Power Factor Preregulator
FEATURES
DESCRIPTION
UVLO Turn on UVLO Turn off
UC1854A
16V
10V
UC1854B
10.5V
10V
UDG-93001-1


Số phần tương tự - UC1854A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1854A TI1-UC1854A Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

Mô tả tương tự - UC1854A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UC3854 UTC-UC3854 Datasheet
138Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
UC3854 UTC-UC3854_V01 Datasheet
309Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com