công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1825Q bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện U1825Q
Giải thích chi tiết về linh kiện  High Speed PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

U1825Q bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button U1825Q Datasheet HTML 6Page - Texas Instruments U1825Q Datasheet HTML 7Page - Texas Instruments U1825Q Datasheet HTML 8Page - Texas Instruments U1825Q Datasheet HTML 9Page - Texas Instruments U1825Q Datasheet HTML 10Page - Texas Instruments U1825Q Datasheet HTML 11Page - Texas Instruments U1825Q Datasheet HTML 12Page - Texas Instruments U1825Q Datasheet HTML 13Page - Texas Instruments U1825Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
23-Nov-2005
Addendum-Page 2


Số phần tương tự - U1825Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
U1829 ETC2-U1829 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1829-3 ETC2-U1829-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1829-6 ETC2-U1829-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1829-7 ETC2-U1829-7 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Mô tả tương tự - U1825Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com