công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1827-2 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện UC1827-2
Giải thích chi tiết về linh kiện  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1827-2 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button UC1827-2 Datasheet HTML 3Page - Texas Instruments UC1827-2 Datasheet HTML 4Page - Texas Instruments UC1827-2 Datasheet HTML 5Page - Texas Instruments UC1827-2 Datasheet HTML 6Page - Texas Instruments UC1827-2 Datasheet HTML 7Page - Texas Instruments UC1827-2 Datasheet HTML 8Page - Texas Instruments UC1827-2 Datasheet HTML 9Page - Texas Instruments UC1827-2 Datasheet HTML 10Page - Texas Instruments UC1827-2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
APPLICATION INFORMATION
+
RT
CT
SYNC
S
R
VREF
2.5 V
OSCILLATOR
VREF
10 kW
1.4 V
2.5 V
2.9 V
0.5 V
RT
CT
VDG−99086
CIRCUIT BLOCK DESCRIPTION
PWM Oscillator
I
RT +
2.5 V
R
RT
(1)
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
Figure 1. Oscillator Block With External Connections
The oscillator block diagram with external connections is shown in Equation 1. A resistor (RT) connected to pin
RT sets the linear charge current:
The timing capacitor (CCT) is linearly charged with the charge current forcing the OSC pin to charge to a 3.4 V
threshold. After exceeding this threshold, the RS flip-flop is set driving CLKSYN high and RDEAD low which
discharges CCT. CT continues to discharge until it reaches a 0.5 V threshold and resets the RS flip-flop which
repeats the charging sequence as shown in Figure 2
As shown in Figure 3, several oscillators are synchronized to the highest free running frequency by connecting
100 pF capacitors in series with each CLKSYN pin and connecting the other side of the capacitors together
forming the CLKSYN bus. The CLKSYN bus is then pulled down to ground with a resistance of approximately
10k. Referring to Figure 1, the synchronization threshold is 1.4 V. The oscillator blanks any synchronization pulse
that occurs when OSC is below 2.5 V. This allows units, once they discharge below 2.5 V, to continue through
the current discharge and subsequent charge cycles whether or not other units on the CLKSYN bus are still
synchronizing. This requires the frequency of all free running oscillators to be within 17% of each other to assure
synchronization.
7


Số phần tương tự - UC1827-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
More results

Mô tả tương tự - UC1827-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com