công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1705L883B bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1705L883B
Giải thích chi tiết về linh kiện  High Speed Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1705L883B bảng dữ liệu(HTML) 2 Page - Texas Instruments

  UC1705L883B Datasheet HTML 1Page - Texas Instruments UC1705L883B Datasheet HTML 2Page - Texas Instruments UC1705L883B Datasheet HTML 3Page - Texas Instruments UC1705L883B Datasheet HTML 4Page - Texas Instruments UC1705L883B Datasheet HTML 5Page - Texas Instruments UC1705L883B Datasheet HTML 6Page - Texas Instruments UC1705L883B Datasheet HTML 7Page - Texas Instruments UC1705L883B Datasheet HTML 8Page - Texas Instruments UC1705L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ABSOLUTE MAXIMUM RATINGS
N-Pkg
J-Pkg
T-Pkg
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . . 40V
Collector Supply Voltage, VC . . . . . . . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . . 40V . . . . . . . . . . . . . . . . . . . 40V
Output Current (Source or Sink)
Steady-State. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±500mA. . . . . . . . . . . . . . . . ±500mA. . . . . . . . . . . . . . . . . ±1.0A
Peak Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1.5A. . . . . . . . . . . . . . . . . . ±1.0A. . . . . . . . . . . . . . . . . . ±2.0A
Capacitive Discharge Energy . . . . . . . . . . . . . . . . . . . . . . 20
µJ.. . . . . . . . . . . . . . . . . . . 15µJ.. . . . . . . . . . . . . . . . . . . 50µJ
Digital Inputs (See Note) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V. . . . . . . . . . . . . . . . . . . 5.5V. . . . . . . . . . . . . . . . . . . 5.5V
Power Dissipation at TA = 25°C (See Note) . . . . . . . . . . . . . . 1W. . . . . . . . . . . . . . . . . . . . 1W. . . . . . . . . . . . . . . . . . . . 3W
Power Dissipation at TA (Leads/Case) = 25°C (See Note) . . . 3W. . . . . . . . . . . . . . . . . . . . 2W . . . . . . . . . . . . . . . . . . . 25W
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . 0°C to +70°C . . . . . . . . . . -55°C to +125°C . . . . . . . . . . 0°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . -65°C to +150°C . . . . . . . . . -65°C to +150°C . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . . . . 300°C . . . . . . . . . . . . . . . . . 300°C . . . . . . . . . . . . . . . . . 300°C
Note: All currents are positive into, negative out of the specified terminal.
Digital Drive can exceed 5.5V if input current is limited to 10mA
Consult Packaging Section of Databook for thermal limitations and considerations of package.
UC1705
UC2705
UC3705
TYPICAL SWITCHING CHARACTERISTICS:
PARAMETERS
TEST CONDITIONS
OUTPUT CL =
UNIT
From Inv. Input to Output:
open
1.0
2.2
nF
Rise Time Delay
60
60
60
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
60
60
60
ns
90% to 10% Fall
25
40
50
ns
From N. I. Input to Output:
Rise Time Delay
90
90
90
ns
10% to 90% Rise
20
40
60
ns
Fall Time Delay
60
60
60
ns
90% to 10% Fall
25
40
50
ns
VC Cross-Conduction
Current Spike Duration
Ouput Rise
25
ns
Output Fall
0
ns
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VS Supply Current
VS = 40V, (Outputs High, T Pkg)
6
8
mA
VS = 40V, (Outputs Low, T Pkg)
8
12
mA
VC Supply Current (N, J Only)
VC = 40V, Outputs Low
2
4
mA
VC Leakage Current (N, J Only)
VS = 0, VC = 30V
0.05
0.1
mA
Digital Input Low Level
0.8
V
Digital Input High Level
2.2
V
Input Current
VI = 0
-0.6
-1.0
mA
Input Leakage
VI = 5V
0.05
0.1
mA
Output High Sat., VC-VO
IO = -50mA
2.0
V
IO = -500mA
2.5
V
Output Low Sat., VO
IO = 50mA
0.4
V
IO = 500mA
2.5
V
Thermal Shutdown
155
°C
VS = VC = 20V, TA = 25°C. Delays measured to 10% output change.
Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for
the UC1705, -25°C to +85°C for the UC2705, and 0°C to +70°C for the UC3705;
VS = VC = 20V, TA =TJ.
ELECTRICAL CHARACTERISTICS:


Số phần tương tự - UC1705L883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1705L883B TI1-UC1705L883B Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
More results

Mô tả tương tự - UC1705L883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1705 TI1-UC1705_15 Datasheet
883Kb / 18P
[Old version datasheet]   HIGH SPEED POWER DRIVER
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com