công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9989 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện TDA9989
Giải thích chi tiết về linh kiện  150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9989 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button TDA9989 Datasheet HTML 5Page - NXP Semiconductors TDA9989 Datasheet HTML 6Page - NXP Semiconductors TDA9989 Datasheet HTML 7Page - NXP Semiconductors TDA9989 Datasheet HTML 8Page - NXP Semiconductors TDA9989 Datasheet HTML 9Page - NXP Semiconductors TDA9989 Datasheet HTML 10Page - NXP Semiconductors TDA9989 Datasheet HTML 11Page - NXP Semiconductors TDA9989 Datasheet HTML 12Page - NXP Semiconductors TDA9989 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TDA9989_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
9 of 48
NXP Semiconductors
TDA9989
HDMI 1.3a transmitter with CEC support
The device can swap and invert, in the event of a little endian stream, the incoming video
data using I2C-bus registers VIP_CNTRL_0, VIP_CNTRL_1 and VIP_CNTRL_2 (page
00h) to match the expectation of the video processing block. Table 4 shows the behavior
of SWAP_A[2:0] of VIP_CNTRL_0 register, whose function is to map the 4 MSBs
VP[23:20] to the incoming video port.
VP[11]
B[3]
Cb[3]
CbCr[11]
VP[10]
B[2]
Cb[2]
CbCr[10]
VP[9]
B[1]
Cb[1]
CbCr[9]
VP[8]
B[0]
Cb[0]
CbCr[8]
VP[7]
R[7]
Cr[7]
CbCr[7]
VP[6]
R[6]
Cr[6]
CbCr[6]
VP[5]
R[5]
Cr[5]
CbCr[5]
VP[4]
R[4]
Cr[4]
CbCr[4]
VP[3]
R[3]
Cr[3]
CbCr[3]
VP[2]
R[2]
Cr[2]
CbCr[2]
VP[1]
R[1]
Cr[1]
CbCr[1]
VP[0]
R[0]
Cr[0]
CbCr[0]
Table 3.
Internal assignment …continued
Internal assignment
Internal port
RGB
YCbCr 4 :4:4
YCbCr 4 :2:2
semi-planar
YCbCr 4 :2:2
ITU656
Table 4.
Video input swap to VP[23:20]
External
assignment
SWAP_A
selector
value
Internal assignment
Pin
number
Pin
name
Internal
port
RGB
YCbCr
4:4:4
YCbCr 4 : 2 : 2
semi-planar
YCbCr 4:2:2
ITU656
F3
VPC[7] 000b
VP[23]
G[7]
Y[7]
Y0[11]
Y1[11]
Cb[11]
Y0[11]
Cr[11]
Y1[11]
F2
VPC[6]
VP[22]
G[6]
Y[6]
Y0[10]
Y1[10]
Cb[10]
Y0[10]
Cr[10]
Y1[10]
F1
VPC[5]
VP[21]
G[5]
Y[5]
Y0[9]
Y1[9]
Cb[9]
Y0[9]
Cr[9]
Y1[9]
G1
VPC[4]
VP[20]
G[4]
Y[4]
Y0[8]
Y1[8]
Cb[8]
Y0[8]
Cr[8]
Y1[8]
G2
VPC[3] 001b
VP[23]
G[7]
Y[7]
Y0[11]
Y1[11]
Cb[11]
Y0[11]
Cr[11]
Y1[11]
G3
VPC[2]
VP[22]
G[6]
Y[6]
Y0[10]
Y1[10]
Cb[10]
Y0[10]
Cr[10]
Y1[10]
H2
VPC[1]
VP[21]
G[5]
Y[5]
Y0[9]
Y1[9]
Cb[9]
Y0[9]
Cr[9]
Y1[9]
H3
VPC[0]
VP[20]
G[4]
Y[4]
Y0[8]
Y1[8]
Cb[8]
Y0[8]
Cr[8]
Y1[8]
C3
VPB[7] 010b
VP[23]
G[7]
Y[7]
Y0[11]
Y1[11]
Cb[11]
Y0[11]
Cr[11]
Y1[11]
C2
VPB[6]
VP[22]
G[6]
Y[6]
Y0[10]
Y1[10]
Cb[10]
Y0[10]
Cr[10]
Y1[10]
D3
VPB[5]
VP[21]
G[5]
Y[5]
Y0[9]
Y1[9]
Cb[9]
Y0[9]
Cr[9]
Y1[9]
D2
VPB[4]
VP[20]
G[4]
Y[4]
Y0[8]
Y1[8]
Cb[8]
Y0[8]
Cr[8]
Y1[8]
D1
VPB[3] 011b
VP[23]
G[7]
Y[7]
Y0[11]
Y1[11]
Cb[11]
Y0[11]
Cr[11]
Y1[11]
E1
VPB[2]
VP[22]
G[6]
Y[6]
Y0[10]
Y1[10]
Cb[10]
Y0[10]
Cr[10]
Y1[10]
E2
VPB[1]
VP[21]
G[5]
Y[5]
Y0[9]
Y1[9]
Cb[9]
Y0[9]
Cr[9]
Y1[9]
E3
VPB[0]
VP[20]
G[4]
Y[4]
Y0[8]
Y1[8]
Cb[8]
Y0[8]
Cr[8]
Y1[8]


Số phần tương tự - TDA9989

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL NXP-TDA9981BHL Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/15/C1XX NXP-TDA9981BHL/15/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/8/C1XX NXP-TDA9981BHL/8/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Mô tả tương tự - TDA9989

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com