công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1634 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện UC1634
Giải thích chi tiết về linh kiện  Phase Locked Frequency Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1634 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  UC1634 Datasheet HTML 1Page - Texas Instruments UC1634 Datasheet HTML 2Page - Texas Instruments UC1634 Datasheet HTML 3Page - Texas Instruments UC1634 Datasheet HTML 4Page - Texas Instruments UC1634 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CONNECTION DIAGRAMS
UC1634
UC2634
UC3634
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
DIV 2/4/8
2
Lock Indicator Output
3
Phase Detector
Output
4
Disable Input
5
N/C
6
Driver A Output
7
Driver B Output
8
Sense Amp Output
9
5V Ref Output
10
Loop Amp Inv Input
11
Loop Amp Output
12
Buffer Amp Input
13
Buffer Amp Output
14
+VIN
15
N/C
16
OSC Output
17
OSC Input
18
Ground
19
DIV 4/5 Input
20
DIL-16, SOIC-16 (TOP VIEW)
J or N Package, DW Package
Input Supply Voltage (+VIN). . . . . . . . . . . . . . . . . . . . . . . . +20V
Reference Output Current . . . . . . . . . . . . . . . . . . . . . . . -30mA
Op-Amp Output Currents . . . . . . . . . . . . . . . . . . . . . . . .
±±30mA
Op-Amp Input Voltages . . . . . . . . . . . . . . . . . . . . . -.3V to +20V
Phase Detector Output Current . . . . . . . . . . . . . . . . . . .
±±10mA
Lock Indicator Output Current . . . . . . . . . . . . . . . . . . . . +15mA
Lock Indicator Output Voltage . . . . . . . . . . . . . . . . . . . . . . +20V
Divide Select Input Voltage . . . . . . . . . . . . . . . . . . -.3V to +10V
Disable Input Voltage . . . . . . . . . . . . . . . . . . . . . . . -.3V to +10V
Oscillator Input Voltage . . . . . . . . . . . . . . . . . . . . . . -.3V to +5V
Sense Amplifier Input Voltage . . . . . . . . . . . . . . . . -.3V to +20V
Driver Output Currents . . . . . . . . . . . . . . . . . . . . . . . . . . +30mA
Driver Output Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V
Power Dissipation at TA = 25°C(Note 2) . . . . . . . . . . . 1000mW
Power Dissipation at TC = 25°C (Note 2) . . . . . . . . . . . 2000mW
Operating Junction Temperature . . . . . . . . . . . -55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300°C
PLCC-20 (TOP VIEW)
Q Package
Note 1: Voltages are referenced to ground, (Pin 16, DIL Pack-
age). Currents are positive into, negative out of, the specified
terminals.
Note 2: Consult Packaging Section of Databook for thermal
limitations and considerations of package.
ABSOLUTE MAXIMUM RATINGS (Note 1, 2)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
+VIN = 15V
20
29
mA
Reference
Output Voltage (VREF)
4.75
5.0
5.25
V
Load Regulation
IOUT = 0mA to 7mA
5.0
20
mV
Line Regulation
+VIN = 8V to 15V
2.0
20
mV
Short Circuit Current
VOUT = 0V
12
30
mA
Oscillator
DC Voltage Gain
Oscillator In to Oscillator Out
12
16
20
dB
Input DC Level (VIB)
Oscillator In Pin Open, TJ = 25°C
1.15
1.3
1.45
V
Input Impedance (Note 3)
VIN = VIB
± 0.5V, TJ = 25°C
1.3
1.6
1.9
k
Output DC Level
Oscillator In Pin Open, TJ = 25°C
1.2
1.4
1.6
V
Maximum Operating Frequency
10
MHz
Dividers
Maximum Input Frequency
Input = 1VPP at Oscillator In
10
MHz
Div. 4/5 Input Current
Input = 5V (Div. by 4)
150
500
µA
(Q Package Only, Note 4)
Input = 0V (Div. by 5)
-5.0
0.0
5.0
µA
Unless otherwise stated, these specifications apply for TA = 0°C to +70°C for the
UC3634, -25°C to + 85°C for the UC2634 and -55°C to +125°C for the UC1634,
+VIN = 12V. TA=TJ.
ELECTRICAL CHARACTERISTICS:
2


Số phần tương tự - UC1634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1634 TI1-UC1634 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
More results

Mô tả tương tự - UC1634

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1633 TI-UC1633 Datasheet
558Kb / 8P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC1635 TI-UC1635 Datasheet
340Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com