công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1524AL bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1524AL
Giải thích chi tiết về linh kiện  Advanced Regulating Pulse Width Modulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1524AL bảng dữ liệu(HTML) 1 Page - Texas Instruments

  UC1524AL Datasheet HTML 1Page - Texas Instruments UC1524AL Datasheet HTML 2Page - Texas Instruments UC1524AL Datasheet HTML 3Page - Texas Instruments UC1524AL Datasheet HTML 4Page - Texas Instruments UC1524AL Datasheet HTML 5Page - Texas Instruments UC1524AL Datasheet HTML 6Page - Texas Instruments UC1524AL Datasheet HTML 7Page - Texas Instruments UC1524AL Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1524A
UC2524A
UC3524A
DESCRIPTION
The UC1524A family of regulating PWM ICs has been designed to retain the
same highly versatile architecture of the industry standard UC1524 (SG1524)
while offering substantial improvements to many of its limitations. The UC1524A
is pin compatible with “non-A” models and in most existing applications can be
directly interchanged with no effect on power supply performance. Using the
UC1524A, however, frees the designer from many concerns which typically had
required additional circuitry to solve.
The UC1524A includes a precise 5V reference trimmed to
±1% accuracy, elimi-
nating the need for potentiometer adjustments; an error amplifier with an input
range which includes 5V, eliminating the need for a reference divider; a current
sense amplifier useful in either the ground or power supply output lines; and a
pair of 60V, 200mA uncommitted transistor switches which greatly enhance out-
put versatility.
An additional feature of the UC1524A is an under-voltage lockout circuit which
disables all the internal circuitry, except the reference, until the input voltage has
risen to 8V. This holds standby current low until turn-on, greatly simplifying the
design of low power, off-line supplies. The turn-on circuit has approximately
600mV of hysteresis for jitter-free activation.
Other product enhancements included in the UC1524A’s design include a PWM
latch which insures freedom from multiple pulsing within a period, even in noisy
environments, logic to eliminate double pulsing on a single output, a 200ns ex-
ternal shutdown capability, and automatic thermal protection from excessive
chip temperature. The oscillator circuit of the UC1524A is usable beyond 500kHz
and is now easier to synchronize with an external clock pulse.
The UC1524A is packaged in a hermetic 16-pin DIP and is rated for operation
from -55°C to +125°C. The UC2524A and 3524A are available in either ceramic
or plastic packages and are rated for operation from -40°C to +85°C and 0°C to
70°C, respectively. Surface mount devices are also available.
FEATURES
Fully Interchangeable with
Standard UC1524 Family
Precision Reference Internally
Trimmed to
±1%
High-Performance Current Limit
Function
Under-Voltage Lockout with
Hysteretic Turn-on
Start-Up Supply Current Less
Than 4mA
Output Current to 200mA
60V Output Capability
Wide Common-Mode Input
Range for both Error and
Current Limit Amplifiers
PWM Latch Insures Single
Pulse per Period
Double Pulse Suppression
Logic
200ns Shutdown through PWM
Latch
Guaranteed Frequency
Accuracy
Thermal Shutdown Protection
Advanced Regulating Pulse Width Modulators
15
3
6
7
9
1
2
4
5
16
12
11
13
14
10
8
+
+
V
IN
V
IN
+
OSC
6V
CL (–) SENSE
N.I. INPUT
COMP
C
T
R
T
OSC
V
IN
CL (+) SENSE
INV. INPUT
U.V.
SENSE
POWER TO
INTERNAL
CIRCUITRY
+5V
REFERENCE
REGULATOR
V
REF
C
A
E
A
C
B
E
B
SHUTDOWN
GND
PWM
LATCH
FLIP
FLOP
10k
1k
5.5V
C/L
E/A
200mV
RAMP
COMP
CLOCK
E/A
S
S
R
T
BLOCK DIAGRAM
SLUS181A - NOVEMBER 1999
UDG-99178


Số phần tương tự - UC1524AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1524AL TI-UC1524AL Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AL TI1-UC1524AL Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AL883B TI-UC1524AL883B Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524AL883B TI1-UC1524AL883B Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Mô tả tương tự - UC1524AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC3524NG4 TI-UC3524NG4 Datasheet
802Kb / 18P
[Old version datasheet]   ADVANCED REGULATING PULSE WIDTH MODULATORS
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com