công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA748CD bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện UA748CD
Giải thích chi tiết về linh kiện  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UA748CD bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UA748CD Datasheet HTML 1Page - Texas Instruments UA748CD Datasheet HTML 2Page - Texas Instruments UA748CD Datasheet HTML 3Page - Texas Instruments UA748CD Datasheet HTML 4Page - Texas Instruments UA748CD Datasheet HTML 5Page - Texas Instruments UA748CD Datasheet HTML 6Page - Texas Instruments UA748CD Datasheet HTML 7Page - Texas Instruments UA748CD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
uA748C, uA748M
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS095 – D921, DECEMBER 1970 – REVISED OCTOBER 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
electrical characteristics at specified free-air temperature, VCC ± = ±15 V, CC = 30 pF
PARAMETER
TEST CONDITIONS†
uA748C
uA748M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
25
°C
1
6
1
5
mV
VIO
Input offset voltage
VO = 0
Full range
7.5
6
mV
IIO
Input offset current
VO =0
25
°C
20
200
20
200
nA
IIO
Input offset current
VO = 0
Full range
300
500
nA
IIB
Input bias current
VO =0
25
°C
80
500
80
500
nA
IIB
Input bias current
VO = 0
Full range
800
1500
nA
VICR
Common-mode
25
°C
±12
±13
±12
±13
V
VICR
input voltage range
Full range
±12
±12
V
RL= 10 kΩ
25
°C
±12
±14
±12
±14
VO(PP)
Maximum peak
RL ≥ 10 kΩ
Full range
±12
±12
V
VO(PP)
output voltage swing
RL= 2 kΩ
25
°C
±10
±13
±10
±13
V
RL ≥ 2 kΩ
Full range
±10
±10
AVD
Large-signal differential
RL ≥ 2 kΩ,
25
°C
20
200
50
200
V/mV
AVD
gg
voltage amplification
VO = ± 10 V
Full range
15
25
V/mV
ri
Input resistance
25
°C
0.3
2
0.3
2
M
r
Output resistance
VO = 0,
25
°C
75
75
ro
Output resistance
See Note 5
25
°C
75
75
Ci
Input capacitance
25
°C
1.4
1.4
pF
CMRR
Common-mode
VIC = VICRmin,
25
°C
70
90
70
90
dB
CMRR
rejection ratio
VO = 0
Full range
70
70
dB
kSVS
Supply-voltage
sensitivity
VCC = ± 9 V to ± 15 V,
25
°C
30
150
30
150
µV/V
SVS
sensitivity
(
∆VIO / ∆VCC)
CC
VO = 0
Full range
150
150
µV/V
IOS
Short-circuit
output current
25
°C
±25
±40
±25
±40
mA
ICC
Supply current
No load
VO =0
25
°C
1.7
2.8
1.7
2.8
mA
ICC
Supply current
No load,
VO = 0
Full range
3.3
3.3
mA
PD
Power dissipation
No load
VO =0
25
°C
50
85
50
85
mW
PD
(each amplifier)
No load,
VO = 0
Full range
100
100
mW
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full range for
uA748C is 0
°C to 70°C and for uA748M is –55°C to 125°C.
NOTE 5: This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.
operating characteristics, VCC ± = ± 15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI =20mV RL =2kΩ CL = 100 pFCC =30 pF See Figure 1
0.3
µs
Overshoot factor
VI = 20 mV, RL = 2 kΩ, CL = 100 pF, CC = 30 pF, See Figure 1
5%
SR
Slew rate at unity gain
VI = 10 V, RL = 2 kΩ, CL = 100 pF, CC = 30 pF, See Figure 1
0.5
V/
µs


Số phần tương tự - UA748CD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
UA748CD STMICROELECTRONICS-UA748CD Datasheet
115Kb / 8P
   PRECISION SINGLE OPERATIONAL AMPLIFIER
More results

Mô tả tương tự - UA748CD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com