công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP112AIDRLT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMP112AIDRLT
Giải thích chi tiết về linh kiện  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMP112AIDRLT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TMP112AIDRLT Datasheet HTML 1Page - Texas Instruments TMP112AIDRLT Datasheet HTML 2Page - Texas Instruments TMP112AIDRLT Datasheet HTML 3Page - Texas Instruments TMP112AIDRLT Datasheet HTML 4Page - Texas Instruments TMP112AIDRLT Datasheet HTML 5Page - Texas Instruments TMP112AIDRLT Datasheet HTML 6Page - Texas Instruments TMP112AIDRLT Datasheet HTML 7Page - Texas Instruments TMP112AIDRLT Datasheet HTML 8Page - Texas Instruments TMP112AIDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
TMP112
www.ti.com ......................................................................................................................................................... SBOS473B – MARCH 2009 – REVISED JUNE 2009
At TA = +25°C and VS = +1.4V to +3.6V, unless otherwise noted.
TMP112
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
Accuracy (Temperature Error)
+25°C, VS = 3.3V
–0.5
–0.1
+0.3
°C
0°C to +65°C, VS = 3.3V
–0.5
+0.5
°C
–40°C to +125°C
–1.0
1.0
°C
vs Supply
–40°C to +125°C
+0.0625
±0.25
°C/V
Long-Term Stability
3000 Hours
< 1
LSB
Resolution (LSB)
0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7 (V+)
3.6
V
VIL
–0.5
0.3 (V+)
V
Input Current
IIN
0 < VIN < 3.6V
1
µA
Output Logic Levels:
VOL SDA
V+ > 2V, IOL = 3mA
0
0.4
V
V+ < 2V, IOL = 3mA
0
0.2 (V+)
V
VOL ALERT
V+ > 2V, IOL = 3mA
0
0.4
V
V+ < 2V, IOL = 3mA
0
0.2 (V+)
V
Resolution
12
Bits
Conversion Time
26
35
ms
Conversion Modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1
1
Conv/s
CR1 = 1, CR0 = 0 (default)
4
Conv/s
CR1 = 1, CR0 = 1
8
Conv/s
Timeout Time
30
40
ms
POWER SUPPLY
Operating Supply Range
+1.4
+3.6
V
Quiescent Current
IQ
Serial Bus Inactive, CR1 = 1, CR0 = 0 (default)
7
10
µA
Serial Bus Active, SCL Frequency = 400kHz
15
µA
Serial Bus Active, SCL Frequency = 3.4MHz
85
µA
Shutdown Current
ISD
Serial Bus Inactive
0.5
1
µA
Serial Bus Active, SCL Frequency = 400kHz
10
µA
Serial Bus Active, SCL Frequency = 3.4MHz
80
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Thermal Resistance
θ
JA
SOT563
JEDEC Low-K Board
260
°C/W
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP112


Số phần tương tự - TMP112AIDRLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP112AIDRLT TI-TMP112AIDRLT Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112AIDRLT TI1-TMP112AIDRLT Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results

Mô tả tương tự - TMP112AIDRLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com