công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8254IRGCR bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện ADS8254IRGCR
Giải thích chi tiết về linh kiện  16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8254IRGCR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS8254IRGCR Datasheet HTML 6Page - Texas Instruments ADS8254IRGCR Datasheet HTML 7Page - Texas Instruments ADS8254IRGCR Datasheet HTML 8Page - Texas Instruments ADS8254IRGCR Datasheet HTML 9Page - Texas Instruments ADS8254IRGCR Datasheet HTML 10Page - Texas Instruments ADS8254IRGCR Datasheet HTML 11Page - Texas Instruments ADS8254IRGCR Datasheet HTML 12Page - Texas Instruments ADS8254IRGCR Datasheet HTML 13Page - Texas Instruments ADS8254IRGCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADS8254
SLAS643 – MARCH 2009................................................................................................................................................................................................... www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NO
NAME
14
VCMO
O
This pin outputs Refin/2 and can be used to set common-mode voltage of differential analog inputs.
BUF-
15
O
Buffered reference output. Useful to level shift bipolar signals using external resistors.
REF
POWER CONTROL PINS
PD-
21
I
High on this pin powers down the reference buffer (BUF-REF).
RBUF
MULTIPLEXER CONTROL PINS
33
AUTO
I
High level on this pin selects ‘Auto’ mode for multiplexer scanning. Low level selects manual mode of multiplexer scanning
In auto mode (AUTO=1) multiplexer channel selection is reset to CH0 on rising edge of MXCLK while C3=1. The pin is 'do
34
C3
I
not care' in manual mode.
Acts as multiplexer address bit when AUTO=0 (Manual mode). In auto mode (AUTO=1) C2 and C1 select the last
35
C2
I
multiplexer channel (channel count) in the auto scan sequence.
Acts as multiplexer address LSB when AUTO=0 (Manual mode). In auto mode (AUTO=1) C2 and C1 select the last
36
C1
I
multiplexer channel (channel count) in the auto scan sequence.
Multiplexer channel is selected on rising edge of MXCLK irrespective of whether it is auto or manual mode. Device BUSY
37
MXCLK
I
output can be connected to MXCLK so that device selects next channel at the end of every sample.
ADC DATA BUS
8-BIT BUS
16-BIT BUS
42-49, 52-59
Data Bus
BYTE = 0
BYTE = 1
BYTE = 0
42
DB15
O
D15 (MSB)
D7
D15(MSB)
43
DB14
O
D14
D6
D14
44
DB13
O
D13
D5
D13
45
DB12
O
D12
D4
D12
46
DB11
O
D11
D3
D11
47
DB10
O
D10
D2
D10
48
DB9
O
D9
D1
D9
49
DB8
O
D8
D0
D8
52
DB7
O
D7
All ones
D7
53
DB6
O
D6
All ones
D6
54
DB5
O
D5
All ones
D5
55
DB4
O
D4
All ones
D4
56
DB3
O
D3
All ones
D3
57
DB2
O
D2
All ones
D2
58
DB1
O
D1
All ones
D1
59
DB0
O
D0 (LSB)
All ones
D0 (LSB)
ADC CONTROL PINS
62
BUSY
O
Status output. This pin is held high when device is converting.
1
BYTE
I
Byte Select Input. Used for 8-bit bus reading. Refer to the ADC DATA BUS description above.
2
CONVST
I
Convert start. This input is active low and can act independent of the CS\ input.
3
RD
I
Synchronization pulse for the parallel output.
4
CS
I
Chip Select.
DEVICE POWER SUPPLIES
22
VEE
Negative supply for OPA (OP1, OP2)
23, 24
VCC
Positive supply for OPA (OP1, OP2, BUF-REF)
5, 7, 13, 38,
+VA
Analog power supply.
40
6, 12, 26, 39,
AGND
Analog ground.
41
50, 63
+VBD
Digital Power Supply For ADC Bus.
51
BGND
Digital ground for ADC bus interface digital supply.
NOT CONNECTED PINS
16, 28, 60,
NC
No connection.
61, 64
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :ADS8254


Số phần tương tự - ADS8254IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS825 BURR-BROWN-ADS825 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS825E TI1-ADS825E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Mô tả tương tự - ADS8254IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8284 TI-ADS8284 Datasheet
1Mb / 38P
[Old version datasheet]   18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284 TI1-ADS8284_14 Datasheet
1Mb / 46P
[Old version datasheet]   ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4001 AD-AD4001 Datasheet
926Kb / 34P
   16-Bit, 2 MSPS, Precision SAR, Differential ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com