công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK404-230-E bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện STK404-230-E
Giải thích chi tiết về linh kiện  One-Channel Class AB Audio Power Amplifier IC 100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-230-E bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  STK404-230-E Datasheet HTML 1Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 2Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STK404-230-E
No. A1244-2/12
Specifications
Absolute Maximum Ratings at Ta = 25
°C (excluding rated temperature items), Tc=25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max (1)
Pin 11 (+VCC), pin 10 (-VCC),
RL=6Ω, f=1kHz, PO=100W, t≤25ms
±80
V
Maximum supply voltage 2
VCC max (2)
Pin 11 (+VCC), pin 10 (-VCC), RL≥6Ω
±63
V
Maximum Pre Vcc supply voltage
Pre VCC max
Pin 7 (+PRE), pin6 (-PRE)
±63
V
Minimum operating supply voltage
VCC min
±25
V
STBY pin applied voltage
*4
Vst max
Pin 1 (STBY)
-0.3 to +5.5
V
STBY pin applied current
Ist max
Pin 1 (STBY)
1.0
mA
OC pin maximum input current
Ioc max
Pin 9 (OC)
±5mA
DC pin maximum input current
Idc max
Pin 8 (DC)
+5
mA
ERROR pin input voltage
Verror
Pin 2 (ERROR)
+VCC
V
ERROR pin input current
Ierror
Pin 2 (ERROR)
20
mA
Thermal resistance
θj-c
Per power transistor
1.6
°C/W
Junction temperature
Tj max
150
°C
Operating IC substrate temperature
Tc max
Must meet both Tj max and Tc max conditions
125
°C
Storage ambient temperature
Tstg
-30 to +125
°C
Allowable load shorted time
*3
ts
VCC=±44V, RL=6Ω, f=50Hz, PO=50W
0.3
s
Electrical Characteristics at Tc=25
°C, RL=6Ω, Rg=600Ω, VG=30dB, non-inductive load RL, unless otherwise specified
Conditions *2
Ratings
Parameter
Symbol
VCC
(V)
f (Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
±44
20 to 20k
0.4
100
Output power
*1
PO (2)
±44
1k
10
150
W
Total harmonic distortion
*1
THD
±44
20 to 20k
100
0.4
%
Frequency characteristics *1
fL, fH
±44
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
±44
1k
1.0
55
k
Ω
Output noise voltage
*3
VNO
±53
Rg=2.2k
Ω
1.0
mVrms
Quiescent current
ICCO
±53
RL=∞
50
mA
Output neutral voltage
VN
±53
-70
0
+70
mV
Pin 8 output DC (+) offset
detection voltage
VDC (-)
±44
0.5
0.7
V
Pin 8 output DC (-) offset
detection voltage
VDC (-)
±44
-0.7
-0.5
V
Pin 9 overcurrent detection
voltage
VOC
±44
0.5
0.7
V
Pin 1 threshold voltage for
standby ON
VST ON
±44
Standby
mode
0
0.6
V
Pin 1 threshold voltage for
standby OFF
VST OFF
±44
Operating
mode
2.5
3.0
V
[Remarks]
*1: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*2: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*3: Use the designated transformer power supply circuit shown in the figure below for allowable load shorted time and
output noise voltage measurement.
*4: Use the standby pin (pin 1) so that the applied voltage never exceeds the maximum rating.
The power amplifier is turned on by applying +2.5V to +5.5V to the standby pin (pin 1).
*5: The -Pre VCC (pin 6) must be at the lowest level under any circumstances so that the reverse-bias current does not
flow.
* Thermal design must be implemented based on the conditions under which the customer’s end products are expected
to operate on the market.
* The weight of hybrid IC alone: 15g
Package dimensions (length
×width×height): 502mm×247mm×282mm


Số phần tương tự - STK404-230-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
More results

Mô tả tương tự - STK404-230-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com